Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6301 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6301
Description  5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6301_10 Datasheet HTML 1Page - Maxim Integrated Products MAX6301_10 Datasheet HTML 2Page - Maxim Integrated Products MAX6301_10 Datasheet HTML 3Page - Maxim Integrated Products MAX6301_10 Datasheet HTML 4Page - Maxim Integrated Products MAX6301_10 Datasheet HTML 5Page - Maxim Integrated Products MAX6301_10 Datasheet HTML 6Page - Maxim Integrated Products MAX6301_10 Datasheet HTML 7Page - Maxim Integrated Products MAX6301_10 Datasheet HTML 8Page - Maxim Integrated Products MAX6301_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(CSWT = CSRT = 1500pF, TA = +25°C, unless otherwise noted.)
4.25
2.50
-40
40
SUPPLY CURRENT
vs. TEMPERATURE
3.25
3.00
2.75
4.00
TEMPERATURE (
°C)
080
-60
-20
60
20
100
3.75
3.50
4.50
5.00
4.75
VCC = 5.0V
VCC = 2.0V
RESET DEASSERTED
NO LOAD
1.220
-40
40
RESET IN THRESHOLD VOLTAGE
vs. TEMPERATURE
1.218
TEMPERATURE (
°C)
080
-60
-20
60
20
100
1.216
1.214
1.222
1.226
1.224
-40
40
VCC TO RESET DELAY
vs. TEMPERATURE (VCC FALLING)
68
TEMPERATURE (
°C)
080
-60
-20
60
20
100
64
60
56
52
72
76
VCC FALLING AT 1mV/
µs
RESET AND WATCHDOG
TIMEOUT vs. SUPPLY VOLTAGE
4.12
VCC (V)
23
5
46
4.08
4.04
4.00
3.96
4.16
3.6
2.6
6.0
2.0
4.0
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
2.8
3.4
SUPPLY VOLTAGE (V)
3.0
5.0
1.5
2.5
4.5
3.5
5.5
3.2
3.0
3.8
4.2
4.0
RESET DEASSERTED
NO LOAD
4.05
3.80
-40
40
RESET AND NORMAL-MODE
WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
3.85
4.00
TEMPERATURE (
°C)
080
-60
-20
60
20
100
3.95
3.90
4.10
4.20
4.15
VCC = 5.0V
0
0
200
400
600
1000
800
40
RESET THRESHOLD OVERDRIVE (mV)
80
120
30
70
110
20
60
100
10
50
90
RESET OCCURS
ABOVE THE CURVE
SEE THE NEGATIVE-GOING
VCC TRANSIENTS SECTION
VRST = 4.60V
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE (VRST)


Similar Part No. - MAX6301_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301CPA MAXIM-MAX6301CPA Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6301CSA MAXIM-MAX6301CSA Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6301CUA MAXIM-MAX6301CUA Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6301EPA MAXIM-MAX6301EPA Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6301ESA MAXIM-MAX6301ESA Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
More results

Similar Description - MAX6301_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com