Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6720A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6720A
Description  Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6720A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6720A Datasheet HTML 7Page - Maxim Integrated Products MAX6720A Datasheet HTML 8Page - Maxim Integrated Products MAX6720A Datasheet HTML 9Page - Maxim Integrated Products MAX6720A Datasheet HTML 10Page - Maxim Integrated Products MAX6720A Datasheet HTML 11Page - Maxim Integrated Products MAX6720A Datasheet HTML 12Page - Maxim Integrated Products MAX6720A Datasheet HTML 13Page - Maxim Integrated Products MAX6720A Datasheet HTML 14Page - Maxim Integrated Products MAX6720A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Dual/Triple, Ultra-Low-Voltage, SOT23 µP
Supervisory Circuits
______________________________________________________________________________________
11
The normal watchdog timeout period (1.12s min)
begins after the first transition on WDI before the con-
clusion of the long initial watchdog period (Figure 2).
During the normal operating mode, the supervisor will
issue a reset pulse for the reset timeout period if the µP
does not update the WDI with a valid transition (high-to-
low or low-to-high) within the standard timeout period
(1.12s min).
Leave WDI unconnected to disable the watchdog timer.
The WDI unconnected-state detector uses a small
(200nA typ) current source. Therefore, do not connect
WDI to anything that will source more than 50nA.
Power-Fail Comparator
PFI is the noninverting input to a comparator. If PFI is
less than VPFI (626.5mV), PFO goes low. Common uses
for the power-fail comparator include monitoring prereg-
ulated input of the power supply (such as a battery) or
providing an early power-fail warning so software can
conduct an orderly system shutdown. It can also be
used to monitor supplies other than VCC1 or VCC2 by
setting the power-fail threshold with a resistor-divider, as
shown in Figure 3. PFI is the input to the power-fail com-
parator. The typical comparator delay is 2µs from PFI to
PFO. Connect PFI to ground of VCC1 if unused.
Ensuring a Valid Reset Output
Down to VCC = 0V
The MAX6715A–MAX6729A/MAX6797A are guaranteed
to operate properly down to VCC = 0.8V. In applications
that require valid reset levels down to VCC = 0V, use a
pulldown resistor at RST to ground. The resistor value
used is not critical, but it must be large enough not to
load the reset output when VCC is above the reset thresh-
old. For most applications, 100k
Ω is adequate. This con-
figuration does not work for the open-drain outputs of the
MAX6715A/MAX6717A/MAX6719A/MAX6721A/
MAX6723A/MAX6725A/MAX6727A/MAX6728A. For push-
pull, active-high RST output connect the external resistor
as a pullup from RST to VCC1.
1.12s MAX
tWDI-NORMAL
1.12s MAX
tWDI-STARTUP
35s MAX
VTH
VCC
WDI
RST
tRP
Figure 2. Normal Watchdog Startup Sequence
MAX6728A/
MAX6729A/
MAX6797A
R1
R2
PFI
GND
VIN
PFO
VTRIP = VPFI
R1 + R2
R2
()
MAX6728A/
MAX6729A/
MAX6797A
R1
R2
PFI
GND
VCC
VIN
PFO
VTRIP = R2 (VPFI)
1
R1
1
R2
+-
VCC
R1
[]
()
VPFI = 626.5mV
A)
B)
Figure 3. Using Power-Fail Input to Monitor an Additional
Power-Supply a) VIN is Positive b) VIN is Negative


Similar Part No. - MAX6720A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6720 MAXIM-MAX6720 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6720 MAXIM-MAX6720 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6720 MAXIM-MAX6720 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6720UT MAXIM-MAX6720UT Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6720UT MAXIM-MAX6720UT Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
More results

Similar Description - MAX6720A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com