Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX693ACUE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX693ACUE
Description  Microprocessor Supervisory Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX693ACUE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX693ACUE Datasheet HTML 5Page - Maxim Integrated Products MAX693ACUE Datasheet HTML 6Page - Maxim Integrated Products MAX693ACUE Datasheet HTML 7Page - Maxim Integrated Products MAX693ACUE Datasheet HTML 8Page - Maxim Integrated Products MAX693ACUE Datasheet HTML 9Page - Maxim Integrated Products MAX693ACUE Datasheet HTML 10Page - Maxim Integrated Products MAX693ACUE Datasheet HTML 11Page - Maxim Integrated Products MAX693ACUE Datasheet HTML 12Page - Maxim Integrated Products MAX693ACUE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Microprocessor Supervisory Circuits
_______________________________________________________________________________________
9
Chip-Enable Signal Gating
The MAX691A/MAX693A/MAX800L/MAX800M provide
internal gating of chip-enable (CE) signals to prevent
erroneous data from being written to CMOS RAM in the
event of a power failure. During normal operation, the
CE gate is enabled and passes all CE transitions. When
reset is asserted, this path becomes disabled, prevent-
ing erroneous data from corrupting the CMOS RAM. All
these parts use a series transmission gate from
CE IN to
CE OUT (Figure 4).
The 10ns max CE propagation delay from CE IN to CE
OUT enables the parts to be used with most µPs.
Chip-Enable Input
The Chip-Enable Input (CE IN) is high impedance (dis-
abled mode) while RESET and RESET are asserted.
During a power-down sequence where VCC falls below
the reset threshold or a watchdog fault,
CE IN assumes
a high-impedance state when the voltage at CE IN
goes high or 15µs after reset is asserted, whichever
occurs first (Figure 5).
During a power-up sequence, CE IN remains high
impedance, regardless of CE IN activity, until reset is
deasserted following the reset timeout period.
In the high-impedance mode, the leakage currents into
this terminal are ±1µA max over temperature. In the
low-impedance mode, the impedance of
CE IN appears
as a 75
Ω resistor in series with the load at CE OUT.
The propagation delay through the CE transmission
gate depends on both the source impedance of the
drive to
CE IN and the capacitive loading on the Chip-
Enable Output (
CE OUT) (see Chip-Enable Propagation
Delay vs. CE OUT Load Capacitance in the
Typical
Operating Characteristics). The CE propagation delay
is production tested from the 50% point of
CE IN to the
50% point of
CE OUT using a 50
Ω driver and 50pF of
load capacitance (Figure 6). For minimum propagation
delay, minimize the capacitive load at CE OUT, and
use a low output-impedance driver.
Chip-Enable Output
In the enabled mode, the impedance of CE OUT is
equivalent to 75
Ω in series with the source driving CE
IN. In the disabled mode, the 75
Ω transmission gate is
off and CE OUT is actively pulled to VOUT. This source
turns off when the transmission gate is enabled.
L
O
W
L
I
N
E
Output
LOW LINE is the buffered output of the reset threshold
comparator. LOW LINE typically sinks 3.2mA at 0.1V.
For normal operation (VCC above the LOW LINE thresh-
old), LOW LINE is pulled to VOUT.
Power-Fail Comparator
The power-fail comparator is an uncommitted comparator
that has no effect on the other functions of the IC.
Common uses include low-battery indication (Figure 7),
and early power-fail warning (see
Typical Operating
Circuit).
Power-Fail Input
Power-Fail Input (PFI) is the input to the power-fail com-
parator. It has a guaranteed input leakage of ±25nA
max over temperature. The typical comparator delay is
25µs from VIL to VOL (power failing), and 60µs from VIH
to VOH (power being restored). If PFI is not used, con-
nect it to ground.
OSC SEL
OSC IN
7
8
EXTERNAL
OSCILLATOR
OSC SEL
OSC IN
7
8
EXTERNAL
CLOCK
OSC SEL
OSC IN
7
8
INTERNAL OSCILLATOR
100ms WATCHDOG
OSC SEL
OSC IN
7
8
INTERNAL OSCILLATOR
1.6s WATCHDOG
MAX691A
MAX693A
MAX800L
MAX800M
N.C.
N.C.
N.C.
50kHz
Figure 3. Oscillator Circuits
Watchdog Timeout Period
OSC SEL
OSC IN
Normal
Immediately After Reset
Reset Timeout Period
Low
External Clock Input
1024 clks
4096 clks
2048 clks
Low
External Capacitor
(600/47pF x C)ms
(2.4/47pF x C)sec
(1200/47pF x C)ms
Floating
Low
100ms
1.6s
200ms
Floating
Floating
1.6s
1.6s
200ms
Table 1. Reset Pulse Width and Watchdog Timeout Selections


Similar Part No. - MAX693ACUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX693AC MAXIM-MAX693AC Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX693ACPE MAXIM-MAX693ACPE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX693ACSE MAXIM-MAX693ACSE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX693ACWE MAXIM-MAX693ACWE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
More results

Similar Description - MAX693ACUE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com