Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX821RUS-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX821RUS-T
Description  4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX821RUS-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX821RUS-T Datasheet HTML 1Page - Maxim Integrated Products MAX821RUS-T Datasheet HTML 2Page - Maxim Integrated Products MAX821RUS-T Datasheet HTML 3Page - Maxim Integrated Products MAX821RUS-T Datasheet HTML 4Page - Maxim Integrated Products MAX821RUS-T Datasheet HTML 5Page - Maxim Integrated Products MAX821RUS-T Datasheet HTML 6Page - Maxim Integrated Products MAX821RUS-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-Pin µP Voltage Monitors with Pin-Selectable
Power-On Reset Timeout Delay
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ......................................................................-0.3V to 6.0V
All Other Inputs.......................................-0.3V to (VCC + 0.3V)
Input Current, VCC, SRT......................................................20mA
Output Current, RESET or RESET .......................................20mA
Continuous Power Dissipation (TA = +70°C)
SOT143-4 (derate 4mW/°C above +70°C)...................320mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
SRT = unconnected
V
0.5VCC
VOPEN
SRT Input Threshold
0.9VCC
VIH
0.07VCC
VIL
ms
100
160
200
tRP
Reset Active Timeout Period
20
32
40
2.5
7.0
V
1.2
5.5
1.0
5.5
VCC Range
0.5
0.8
1
µs
50
VCC to Reset Delay (Note 1)
ppm/°C
30
Reset Threshold Tempco
V
2.55
2.70
VTH
Reset Threshold (Note 1)
12
1.8
5.5
µA
9
ICC
Supply Current
2.59
2.63
2.66
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = -40°C to +85°C
TA = 0°C to +70°C
VCC falling at 1mV/µs
RESET = low for MAX821,
RESET = high for MAX822
MAX82_R
MAX82_L/M/P,
VCC = 5.5V, IOUT = 0
MAX82_R/S/T/U,
VCC = 5.5V, IOUT = 0
CONDITIONS
4.56
4.63
4.70
4.50
4.75
4.31
4.38
4.45
4.25
4.50
MAX82_L
MAX82_M
3.97
4.00
4.04
3.91
4.09
2.89
2.93
2.96
3.04
3.08
3.11
2.85
3.00
3.00
3.15
MAX82_P
2.74
2.78
2.81
2.70
2.85
MAX82_S
MAX82_U
µA
-1
1
SRT Input Current (Note 2)
100
-100
RESET = low for MAX821,
RESET = high for MAX822
SRT = GND
SRT = VCC
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
MAX82_T
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
SRT = GND
SRT = unconnected
SRT = VCC
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = -40°C to +125°C
TA = TMIN to TMAX
TA = TMIN to TMAX


Similar Part No. - MAX821RUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX821RUS-T MAXIM-MAX821RUS-T Datasheet
77Kb / 8P
   4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 1; 12/99
MAX821RUS-T MAXIM-MAX821RUS-T Datasheet
179Kb / 7P
   4-Pin uP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
More results

Similar Description - MAX821RUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX822TUS MAXIM-MAX822TUS Datasheet
179Kb / 7P
   4-Pin uP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
MAX821 MAXIM-MAX821 Datasheet
77Kb / 8P
   4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 1; 12/99
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
Microchip Technology
TC1270 MICROCHIP-TC1270_07 Datasheet
674Kb / 14P
   4-Pin Reset Monitors
2007
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
   4-Pin Reset Monitors
2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com