Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6443US23L Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6443US23L
Description  uP Reset Circuits with Long Manual Reset Setup Period
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6443US23L Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6443US23L Datasheet HTML 5Page - Maxim Integrated Products MAX6443US23L Datasheet HTML 6Page - Maxim Integrated Products MAX6443US23L Datasheet HTML 7Page - Maxim Integrated Products MAX6443US23L Datasheet HTML 8Page - Maxim Integrated Products MAX6443US23L Datasheet HTML 9Page - Maxim Integrated Products MAX6443US23L Datasheet HTML 10Page - Maxim Integrated Products MAX6443US23L Datasheet HTML 11Page - Maxim Integrated Products MAX6443US23L Datasheet HTML 12Page - Maxim Integrated Products MAX6443US23L Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
The area below the curves of the graph is the region in
which these devices typically do not generate a reset
pulse. This graph was generated using a falling pulse
applied to VCC, starting above the actual reset thresh-
old (VTH) and ending below it by the magnitude indicat-
ed (reset threshold overdrive). As the magnitude of the
transient increases (VCC goes further below the reset
threshold), the maximum allowable pulse width
decreases. Typically, a VCC transient that goes 100mV
below the reset threshold and lasts 20µs or less does
not cause a reset pulse to be asserted.
µP Reset Circuits with Long Manual Reset
Setup Period
_______________________________________________________________________________________
9
MAX6443
MAX6445
MAX6447
MAX6449
MAX6451
RESET
VCC
VCC
GND
100k
Figure 9. Ensuring RESET Valid to VCC = 0V
PART NO. SUFFIX
( _ _ )
VCC NOMINAL
VOLTAGE
THRESHOLD (V)
46
4.625
44
4.375
31
3.075
29
2.925
26
2.625
23
2.313
22
2.188
17
1.665
16
1.575
Table 1. Reset Voltage Threshold
PART NO. SUFFIX
( _ )
MANUAL RESET SETUP
PERIOD (s)
K
10.08
L
6.72
S
3.36
T
1.68
Table 2. Manual Reset Setup Period (tMR)
PART
TOP
MARK
PART
TOP
MARK
MAX6443US16L
KAFW
MAX6448UK16L
AEER
MAX6443US23L
KAFX
MAX6448UK23L
AEES
MAX6443US26L
KAFY
MAX6448UK26L
AEET
MAX6443US29L
KAFK
MAX6448UK29L
AEEU
MAX6443US46L
KAFZ
MAX6448UK46L
AEEV
MAX6444US16L
KAGA
MAX6449UT16L
ABEL
MAX6444US23L
KAGB
MAX6449UT23L
ABNP
MAX6444US26L
KAGC
MAX6449UT26L
ABNQ
MAX6444US29L
KAGD
MAX6449UT29L
ABNR
MAX6444US46L
KAFL
MAX6449UT46L
ABNS
MAX6445UK16L
AEEF
MAX6450UT16L
ABEM
MAX6445UK23L
AEEG
MAX6450UT23L
ABNX
MAX6445UK26L
AEEH
MAX6450UT26L
ABNY
MAX6445UK29L
AEEI
MAX6450UT29L
ABNZ
MAX6445UK46L
AEAO
MAX6450UT46L
ABOA
MAX6446UK16L
AEEN
MAX6451UT16L
ABNT
MAX6446UK23L
AEEO
MAX6451UT23L
ABEN
MAX6446UK26L
AEEP
MAX6451UT26L
ABNU
MAX6446UK29L
AEAP
MAX6451UT29L
ABNV
MAX6446UK46L
AEEQ
MAX6451UT46L
ABNW
MAX6447UK16L
AEEJ
MAX6452UT16L
ABOB
MAX6447UK23L
AEEK
MAX6452UT23L
ABOC
MAX6447UK26L
AEAQ
MAX6452UT26L
ABOD
MAX6447UK29L
AEEL
MAX6452UT29L
ABOE
MAX6447UK46L
AEEM
MAX6452UT46L
ABOF
Table 3. Standard Versions Table


Similar Part No. - MAX6443US23L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6443US__L-T MAXIM-MAX6443US__L-T Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
More results

Similar Description - MAX6443US23L

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com