Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6323 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6323
Description  uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6323 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6323_10 Datasheet HTML 1Page - Maxim Integrated Products MAX6323_10 Datasheet HTML 2Page - Maxim Integrated Products MAX6323_10 Datasheet HTML 3Page - Maxim Integrated Products MAX6323_10 Datasheet HTML 4Page - Maxim Integrated Products MAX6323_10 Datasheet HTML 5Page - Maxim Integrated Products MAX6323_10 Datasheet HTML 6Page - Maxim Integrated Products MAX6323_10 Datasheet HTML 7Page - Maxim Integrated Products MAX6323_10 Datasheet HTML 8Page - Maxim Integrated Products MAX6323_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX6323/MAX6324 microprocessor (µP) supervi-
sory circuits monitor power supplies and µP activity in
digital systems. A watchdog timer looks for activity out-
side an expected window of operation. Six laser-
trimmed reset thresholds are available with ±2.5%
accuracy from +2.32V to +4.63V. Valid RESET output is
guaranteed down to VCC = +1.2V.
The RESET output is either push-pull (MAX6323) or
open-drain (MAX6324). RESET is asserted low when
VCC falls below the reset threshold, or when the manual
reset input (MR) is asserted low. RESET remains assert-
ed for at least 100ms after VCC rises above the reset
threshold and MR is deasserted.
The watchdog pulse output (WDPO) utilizes an open-
drain configuration. It can be triggered either by a fast
timeout fault (watchdog input pulses are too close to
each other) or a slow timeout fault (no watchdog input
pulse is observed within the timeout period). The
watchdog timeout is measured from the last falling
edge of watchdog input (WDI) with a minimum pulse
width of 300ns. WDPO is asserted for 1ms when a fault
is observed. Eight laser-trimmed timeout periods are
available.
The MAX6323/MAX6324 are offered in a 6-pin SOT23
package and operate over the extended temperature
range (-40°C to +125°C).
Applications
Automotive
Industrial
Medical
Embedded Control Systems
Features
o Min/Max (Windowed) Watchdog,
8 Factory-Trimmed Timing Options
o Pulsed Open-Drain, Active-Low Watchdog Output
o Power-On Reset
o Precision Monitoring of +2.5V, +3.0V, +3.3V,
and +5.0V Power Supplies
o Open-Drain or Push-Pull RESET Outputs
o Low-Power Operation (23µA typ)
o Debounced Manual Reset Input
o Guaranteed Reset Valid to VCC = +1.2V
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
________________________________________________________________
Maxim Integrated Products
1
GND
VCC
WDI
16
5
MAX6323
MAX6324
SOT23
TOP VIEW
2
34
RESET
MR
WDPO
19-1838; Rev 5; 5/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
*These devices are factory trimmed to one of eight watchdog-
timeout windows and one of six reset voltage thresholds. Insert
the letter corresponding to the desired watchdog-timeout window
(A, B, C, D, E, F, G, or H) into the blank following the number
6323 or 6324 (see Watchdog Timeout table). Insert the two-digit
code (46, 44, 31, 29, 26, or 23) after the letters UT for the desired
nominal reset threshold (see Reset Threshold Range table at end
of data sheet).
/V denotes an automotive qualified part.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Note: There are eight standard versions of each device available
(see Standard Versions table). Sample stock is generally held on
standard versions only. Standard versions have an order incre-
ment requirement of 2500 pieces. Nonstandard versions have an
order increment requirement of 10,000 pieces. Contact factory for
availability of nonstandard versions.
Pin Configuration
Ordering Information
Typical Operating Circuit appears at end of data sheet.
WATCHDOG TIMEOUT*
SUFFIX
A
B
C
D
E
F
G
H
719
39
23
15
15
15
15
1.5
MAX
FAST
UNITS
ms
ms
ms
ms
ms
ms
ms
ms
SLOW
MIN
UNITS
ms
10
100
300
10
60
s
ms
47
82
1.3
s
*
See Figure 1 for operation.
Watchdog Timeout
PART
TEMP
RANGE
PIN-
PACKAGE
RESET
OUTPUT
MAX6323_UT_ _-T
-40°C to +125°C
6 SOT23
Push-Pull
Ordering Information continued at end of data sheet.


Similar Part No. - MAX6323_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
More results

Similar Description - MAX6323_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6323-MAX6324 MAXIM-MAX6323-MAX6324 Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
logo
Analog Devices
ADM8323WCC29ARJZR7 AD-ADM8323WCC29ARJZR7 Datasheet
283Kb / 16P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8323 AD-ADM8323 Datasheet
261Kb / 15P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com