Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6724A Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6724A
Description  Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6724A Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6724A Datasheet HTML 6Page - Maxim Integrated Products MAX6724A Datasheet HTML 7Page - Maxim Integrated Products MAX6724A Datasheet HTML 8Page - Maxim Integrated Products MAX6724A Datasheet HTML 9Page - Maxim Integrated Products MAX6724A Datasheet HTML 10Page - Maxim Integrated Products MAX6724A Datasheet HTML 11Page - Maxim Integrated Products MAX6724A Datasheet HTML 12Page - Maxim Integrated Products MAX6724A Datasheet HTML 13Page - Maxim Integrated Products MAX6724A Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Detailed Description
Supply Voltages
The MAX6715A–MAX6729A/MAX6797A µP supervisory
circuits maintain system integrity by alerting the µP to
fault conditions. These ICs are optimized for systems
that monitor two or three supply voltages. The output-
reset state is guaranteed to remain valid while either
VCC1 or VCC2 is above 0.8V.
Threshold Levels
Input-voltage threshold level combinations are indicat-
ed by a two-letter code in the
Reset Voltage Threshold
Suffix Guide (Table 1). Contact factory for availability of
other voltage threshold combinations.
Reset Outputs
The MAX6715A–MAX6729A/MAX6797A provide an
active-low reset output (RST) and the MAX6725A/
MAX6726A also provide an active-high (RST) output.
RST, RST, RST1, and RST2 are asserted when the volt-
age at either VCC1 or VCC2 falls below the voltage
threshold level, RSTIN drops below threshold, or MR is
pulled low. Once reset is asserted, it stays low for the
reset timeout period (see Table 2). If VCC1, VCC2, or
RSTIN goes below the reset threshold before the reset
timeout period is completed, the internal timer restarts.
The MAX6715A/MAX6717A/MAX6719A/MAX6721A/
MAX6723A/MAX6725A/MAX6727A/MAX6728A contain
open-drain reset outputs, while the MAX6716A/
MAX6718A/MAX6720A/MAX6722A/MAX6724A/
MAX6726A/MAX6729A/MAX6797A contain push-pull
reset outputs. The MAX6727A provides two separate
open-drain RST outputs driven by the same internal logic.
Manual-Reset Input
Many µP-based products require manual-reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic-low on MR
asserts the reset output. Reset remains asserted while
MR is low for the reset timeout period (tRP) after MR
returns high. This input has an internal 50k
Ω pullup
resistor to VCC1 and can be left unconnected if not
used. MR can be driven with CMOS logic levels, or with
open-drain/collector outputs. Connect a normally open
momentary switch from MR to GND to create a manual-
reset function; external debounce circuitry is not
required. If MR is driven from long cables or if the
device is used in a noisy environment, connect a 0.1µF
capacitor from MR to GND to provide additional noise
immunity.
Adjustable Input Voltage
The MAX6719A/MAX6720A and MAX6723A–MAX6727A
provide an additional input to monitor a third system volt-
age. The threshold voltage at RSTIN is typically 626mV.
Connect a resistor-divider network to the circuit as shown
in Figure 1 to establish an externally controlled threshold
voltage, VEXT_TH.
VEXT_TH = 626mV((R1 + R2)/R2)
Low-leakage current at RSTIN allows the use of large-
valued resistors resulting in reduced power consump-
tion of the system.
Watchdog Input
The watchdog monitors µP activity through the watch-
dog input (WDI). To use the watchdog function, con-
nect WDI to a bus line or µP I/O line. When WDI
remains high or low for longer than the watchdog time-
out period, the reset output asserts.
The MAX6721A–MAX6729A/MAX6797A include a dual-
mode watchdog timer to monitor µP activity. The flexi-
ble timeout architecture provides a long period initial
watchdog mode, allowing complicated systems to
complete lengthy boots, and a short period normal
watchdog mode, allowing the supervisor to provide
quick alerts when processor activity fails. After each
reset event (VCC power-up/brownout, manual reset, or
watchdog reset), there is a long initial watchdog period
of 35s minimum. The long watchdog period mode pro-
vides an extended time for the system to power-up and
fully initialize all µP and system components before
assuming responsibility for routine watchdog updates.
Dual/Triple, Ultra-Low-Voltage, SOT23 µP
Supervisory Circuits
10
______________________________________________________________________________________
MAX6719A/
MAX6720A/
MAX6723A–
MAX6727A
VEXT_TH
R1
R2
RSTIN
GND
Figure 1. Monitoring a Third Voltage


Similar Part No. - MAX6724A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6724 MAXIM-MAX6724 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6724 MAXIM-MAX6724 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6724 MAXIM-MAX6724 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6724UTD-T MAXIM-MAX6724UTD-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
More results

Similar Description - MAX6724A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com