Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6332UR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6332UR
Description  3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6332UR Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6332UR Datasheet HTML 1Page - Maxim Integrated Products MAX6332UR Datasheet HTML 2Page - Maxim Integrated Products MAX6332UR Datasheet HTML 3Page - Maxim Integrated Products MAX6332UR Datasheet HTML 4Page - Maxim Integrated Products MAX6332UR Datasheet HTML 5Page - Maxim Integrated Products MAX6332UR Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The MAX6332/MAX6333/MAX6334 microprocessor (µP)
supervisory circuits monitor the power supplies in 1.8V
to 3.3V µP and digital systems. They increase circuit
reliability and reduce cost by eliminating external com-
ponents and adjustments.
These devices perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for a pre-
set timeout period after VCC has risen above the reset
threshold. The only difference among the three devices
is their output. The MAX6333 (push/pull) and MAX6334
(open-drain) have an active-low RESET output, while
the MAX6332 (push/pull) has an active-high RESET out-
put. The MAX6332/MAX6333 are guaranteed to be in
the correct state for VCC down to 0.7V. The MAX6334 is
guaranteed to be in the correct state for VCC down to
1.0V.
The reset comparator in these ICs is designed to ignore
fast transients on VCC. Reset thresholds are factory-
trimmable between 1.6V and 2.5V, in approximately
100mV increments. There are 15 standard versions
available (2,500 piece minimum-order quantity); con-
tact the factory for availability of nonstandard versions
(10,000 piece minimum-order quantity). For space-criti-
cal applications, the MAX6332/MAX6333/MAX6334
come packaged in a 3-pin SOT23.
Applications
Pentium II™ Computers
Computers
Controllers
Intelligent Instruments
Critical µP/µC Power Monitoring
Portable/Battery-Powered Equipment
Automotive
Features
♦ Ultra-Low 0.7V Operating Supply Voltage
♦ Low 3.3µA Supply Current
♦ Precision Monitoring of 1.8V and 2.5V Power-
Supply Voltages
♦ Reset Thresholds Available from 1.6V to 2.5V,
in Approximately 100mV Increments
♦ Fully Specified over Temperature
♦ Three Power-On Reset Pulse Widths Available
(1ms min, 20ms min, 100ms min)
♦ Low Cost
♦ Three Available Output Structures: Push/Pull
RESET, Push/Pull RESET, Open-Drain RESET
♦ Guaranteed RESET/RESET Valid to VCC = 0.7V
(MAX6332/MAX6333)
♦ Power-Supply Transient Immunity
♦ No External Components
♦ 3-Pin SOT23 Package
♦ Pin Compatible with MAX809/MAX810 and
MAX6326/MAX6327/MAX6328
3-Pin, Ultra-Low-Voltage, Low-Power
µP Reset Circuits
________________________________________________________________ Maxim Integrated Products
1
19-1411; Rev 2; 12/05
PART*
MAX6332UR__D_-T
MAX6333UR__D_-T
MAX6334UR__D_-T
-40°C to +125°C
-40°C to +125°C
-40°C to +125°C
TEMP. RANGE
PIN-PACKAGE
3 SOT23-3
3 SOT23-3
3 SOT23-3
Ordering Information
* These devices are available in factory-set VCC reset thresh-
olds from 1.6V to 2.5V, in approximately 0.1V increments.
Choose the desired reset threshold suffix from Table 1 and
insert it in the blanks following “UR” in the part number.
Factory-programmed reset timeout periods are also available.
Insert the number corresponding to the desired nominal reset
timeout period (1 = 1ms min, 2 = 20ms min, 3 = 100ms min) in
the blank following “D” in the part number. There are 15 stan-
dard versions with a required order increment of 2500 pieces.
Sample stock is generally held on the standard versions only
(see Selector Guide). Contact the factory for availability of non-
standard versions (required order increment is 10,000 pieces).
All devices available in tape-and-reel only.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Typical Operating Circuit and Pin Configuration appear
at end of data sheet.
Selector Guide appears at end of data sheet.
Pentium II is a trademark of Intel Corp.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6332UR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6332UR16D1-T MAXIM-MAX6332UR16D1-T Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332UR16D2-T MAXIM-MAX6332UR16D2-T Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332UR16D3-T MAXIM-MAX6332UR16D3-T Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332UR17D1-T MAXIM-MAX6332UR17D1-T Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332UR17D2-T MAXIM-MAX6332UR17D2-T Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
More results

Similar Description - MAX6332UR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MXD1810-MXD1818 MAXIM-MXD1810-MXD1818 Datasheet
198Kb / 11P
   Low-Power UP Reset Circuits in 3-Pin
Rev 0; 10/01
MAX6337US23D3-T MAXIM-MAX6337US23D3-T Datasheet
199Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power muP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com