Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4150P+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4150P+
Description  DS4-XO Series Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4150P+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4150P+ Datasheet HTML 1Page - Maxim Integrated Products DS4150P+ Datasheet HTML 2Page - Maxim Integrated Products DS4150P+ Datasheet HTML 3Page - Maxim Integrated Products DS4150P+ Datasheet HTML 4Page - Maxim Integrated Products DS4150P+ Datasheet HTML 5Page - Maxim Integrated Products DS4150P+ Datasheet HTML 6Page - Maxim Integrated Products DS4150P+ Datasheet HTML 7Page - Maxim Integrated Products DS4150P+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC) .......................................-0.3V, +4V
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range ...............................-55
°C to +85°C
Soldering Temperature Profile
(3 passes max of reflow) ......................Refer to the IPC/JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
(Note 1)
3.135
3.3
3.465
V
ICC_D
LVDS, output loaded or unloaded
52
75
ICC_PU
LVPECL, output unloaded
49
70
Operating Current
ICC_PI
LVPECL, output load 50
at VCC - 2.0V
74
100
mA
Output Frequency
fOUT
fNOM
MHz
Oscillator Startup Time
tSTARTUP
(Note 2)
50
ms
Frequency Stability
fTOTAL
Over temperature range, aging, load,
supply, and initial tolerance (Note 3)
-50
fNOM
+50
ppm
Frequency Stability Over
Temperature with Initial Tolerance
fTEMP
VCC = 3.3V
-35
+35
ppm
Initial Tolerance
fINITIAL
VCC = 3.3V, TA = +25°C
±20
ppm
Frequency Change Due to VCC
fVCC
VCC = 3.3V ±5%
-3
+3
ppm/V
Frequency Change Due to Load
Variation
fLOAD
±10% variation in termination
resistance
±1
ppm
Aging (15 Years)
fAGING
-7
+7
ppm
Integrated phase RMS; 12kHz to 5MHz,
VCC = 3.3V, TA = +25°C
0.7
Integrated phase RMS; 12kHz to 20MHz,
VCC = 3.3V, TA = +25°C
0.7
Jitter
JRMS
Integrated phase RMS; 12kHz to 80MHz,
VCC = 3.3V, TA = +25°C
1.0
ps
Input-Voltage High (OE)
VIH
(Note 1)
0.7 x
VCC
VCC
V
Input-Voltage Low (OE)
VIL
(Note 1)
0
0.3 x
VCC
V
Input Leakage (OE)
ILEAK
GND
OE
VCC
-50
+5.0
μA
DS4-XO Series Crystal Oscillators


Similar Part No. - DS4150P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4155 MAXIM-DS4155 Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
DS4155D++ MAXIM-DS4155D+ Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
DS4155P++ MAXIM-DS4155P+ Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
DS4156 MAXIM-DS4156 Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
DS4156D++ MAXIM-DS4156D+ Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
More results

Similar Description - DS4150P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4125 MAXIM-DS4125 Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
logo
Vectron International, ...
XO-400 VECTRON-XO-400_09 Datasheet
141Kb / 2P
   Crystal Oscillators (XO?셲)
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
   of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
GMPALAHATA-WK WK-GMPALAHATA-WK Datasheet
94Kb / 1P
   CRYSTAL-OSCILLATORS
logo
Vectron International, ...
XO-480 VECTRON-XO-480 Datasheet
56Kb / 2P
   Crystal Oscillators
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
   Crystal Oscillators
logo
Nel Frequency Controls,...
AE-X0A5XXXX-X NEL-AE-X0A5XXXX-X Datasheet
378Kb / 5P
   crystal oscillators (XO) provides high frequency with Sine-Wave or CMOS output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com