Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6727A Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6727A
Description  Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6727A Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6727A Datasheet HTML 5Page - Maxim Integrated Products MAX6727A Datasheet HTML 6Page - Maxim Integrated Products MAX6727A Datasheet HTML 7Page - Maxim Integrated Products MAX6727A Datasheet HTML 8Page - Maxim Integrated Products MAX6727A Datasheet HTML 9Page - Maxim Integrated Products MAX6727A Datasheet HTML 10Page - Maxim Integrated Products MAX6727A Datasheet HTML 11Page - Maxim Integrated Products MAX6727A Datasheet HTML 12Page - Maxim Integrated Products MAX6727A Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Dual/Triple, Ultra-Low-Voltage, SOT23 µP
Supervisory Circuits
_______________________________________________________________________________________
9
Pin Description (continued)
PIN
MAX6715A/
MAX6716A
MAX6717A/
MAX6718A
MAX6719A/
MAX6720A
MAX6721A/
MAX6722A
MAX6723A/
MAX6724A
MAX6725A/
MAX6726A
MAX6727A
MAX6728A/
MAX6729A/
MAX6797A
NAME
FUNCTION
——
—7
PFI
Power-Fail Voltage
Monitor Input. High-
impedance input for
internal power-fail monitor
comparator. Connect PFI
to an external resistor-
divider network to set the
power-fail threshold
voltage (0.626V typical
internal reference
voltage). Connect to GND,
VCC1, or VCC2 if not used.
——
—4
PFO
Active-Low Power-Fail
Monitor Output, Open-
Drain or Push-Pull. PFO is
asserted low when PFI is
less than 0.626V. PFO
deasserts without a reset
timeout period. Open-
drain outputs require an
external pullup resistor.
Push-pull outputs are
referenced to VCC1.
4
RST
Active-High Reset Output,
Open-Drain or Push-Pull.
RST changes from low to
high when VCC1 or VCC2
drops below selected
reset thresholds, RSTIN is
below threshold, MR is
pulled low, or the
watchdog triggers a reset.
RST remains HIGH for the
reset timeout period after
VCC1/VCC2/RSTIN exceed
the device reset
thresholds, MR goes low
to high, or the watchdog
triggers a reset. Open-
drain outputs require an
external pullup resistor.
Push-pull outputs are
referenced to VCC1.


Similar Part No. - MAX6727A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6727 MAXIM-MAX6727 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6727 MAXIM-MAX6727 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6727 MAXIM-MAX6727 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6727KAD-T MAXIM-MAX6727KAD-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
More results

Similar Description - MAX6727A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com