Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6302EPA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6302EPA
Description  5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6302EPA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6302EPA Datasheet HTML 4Page - Maxim Integrated Products MAX6302EPA Datasheet HTML 5Page - Maxim Integrated Products MAX6302EPA Datasheet HTML 6Page - Maxim Integrated Products MAX6302EPA Datasheet HTML 7Page - Maxim Integrated Products MAX6302EPA Datasheet HTML 8Page - Maxim Integrated Products MAX6302EPA Datasheet HTML 9Page - Maxim Integrated Products MAX6302EPA Datasheet HTML 10Page - Maxim Integrated Products MAX6302EPA Datasheet HTML 11Page - Maxim Integrated Products MAX6302EPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
______________________________________________________________________________________
11
Ordering Information (continued)
Chip Information
PROCESS: CMOS
PART
TEMP RANGE
PIN-PACKAGE
MAX6302CPA
0°C to +70°C
8 PDIP
MAX6302CSA
0°C to +70°C
8 SO
MAX6302CUA
0°C to +70°C
8 µMAX
MAX6302EPA
-40°C to +85°C
8 PDIP
MAX6302ESA
-40°C to +85°C
8 SO
MAX6303CPA
0°C to +70°C
8 PDIP
MAX6303CSA
0°C to +70°C
8 SO
MAX6303CUA
0°C to +70°C
8 µMAX
MAX6303EPA
-40°C to +85°C
8 PDIP
MAX6303ESA
-40°C to +85°C
8 SO
MAX6304CPA
0°C to +70°C
8 PDIP
MAX6304CSA
0°C to +70°C
8 SO
MAX6304CUA
0°C to +70°C
8 µMAX
MAX6304EPA
-40°C to +85°C
8 PDIP
MAX6304ESA
-40°C to +85°C
8 SO
Devices are available in both leaded and lead(Pb)-free/RoHS-
compliant packaging. Specify lead-free by adding the “+
symbol at the end of the part number when ordering.
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO.
LAND
PATTERN NO.
8 PDIP
P8-1
21-0043
8 SO
S8-2
21-0041
90-0096
8 µMAX
U8-1
21-0036
90-0092


Similar Part No. - MAX6302EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6302EPA MAXIM-MAX6302EPA Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
More results

Similar Description - MAX6302EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com