Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6444US29L Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6444US29L
Description  uP Reset Circuits with Long Manual Reset Setup Period
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6444US29L Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6444US29L Datasheet HTML 2Page - Maxim Integrated Products MAX6444US29L Datasheet HTML 3Page - Maxim Integrated Products MAX6444US29L Datasheet HTML 4Page - Maxim Integrated Products MAX6444US29L Datasheet HTML 5Page - Maxim Integrated Products MAX6444US29L Datasheet HTML 6Page - Maxim Integrated Products MAX6444US29L Datasheet HTML 7Page - Maxim Integrated Products MAX6444US29L Datasheet HTML 8Page - Maxim Integrated Products MAX6444US29L Datasheet HTML 9Page - Maxim Integrated Products MAX6444US29L Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
µP Reset Circuits with Long Manual Reset
Setup Period
6
_______________________________________________________________________________________
Manual Reset Input Options
Unlike typical manual reset functions associated with
supervisors, each device in the MAX6443–MAX6452
family includes at least one manual reset input, which
must be held logic-low for an extended setup period
(tMR) before the RESET output asserts. When valid
manual reset input conditions/setup periods are met,
the RESET output is one-shot pulse asserted low for a
fixed reset timeout period (140ms min). Existing front-
panel pushbutton switches (i.e., power on/off, channel
up/down, or mode select) can be used to drive the
manual reset inputs. The extended manual reset setup
period prevents nuisance system resets during normal
front-panel usage or resulting from inadvertent short-
term pushbutton closure.
The MAX6443/MAX6444, MAX6447/MAX6448, and
MAX6451/MAX6452 include a single manual reset input
with extended setup period (MR1). The MAX6445/
MAX6446 and MAX6449/MAX6450 include two manual
reset inputs (MR1 and MR2) with extended setup peri-
ods. For dual MR1, MR2 devices, both inputs must be
held low simultaneously for the extended setup period
(tMR) before the reset output is pulse asserted. The
dual extended setup provides greater protection from
nuisance resets. (For example, the user or service tech-
nician is informed to simultaneously push both the
on/off button and the channel-select button for 6.72s
(L suffix) to reset the system.)
The MAX6443–MAX6452 RESET output is pulse asserted
once for the reset timeout period after each valid manual
reset input condition. At least one manual reset input
must be released (go high) and then be driven low for the
extended setup period before RESET asserts again.
Internal timing circuitry debounces low-to-high manual
reset logic transitions, so no external circuitry is required.
Figure 1 illustrates the single manual reset function of the
MAX6443/MAX6444 single-voltage monitors, and Figure
2 represents the dual manual reset function of the
MAX6445/MAX6446 and MAX6449/MAX6450.
The MAX6447/MAX6448 and MAX6451/MAX6452
include both an extended setup period and immediate
setup period manual reset inputs. A low-to-high MR2
rising edge transition immediately pulse asserts the
RESET output for the reset timeout period (140ms min).
If the MAX6447/MAX6448 and MAX6451/MAX6452
MR2 input senses another rising edge before the end
of the 140ms timeout period (Figure 3), the internal
timer clears and begins counting again. If no rising
edges are detected within the 210ms timeout period,
RESET deasserts. The high-to-low transition on MR2
input is internally debounced for 210ms to ensure that
there are no false RESET assertions when MR2 is dri-
ven from high to low (Figure 4). The MR2 input can be
used for system test purposes or smart-card-detect
applications (see the
Applications Information section).
Adjustable Input Voltage (RSTIN)
The MAX6449–MAX6452 monitor the voltage on RSTIN
using an adjustable reset threshold set with an external
resistor voltage-divider (Figure 5). Use the following for-
mula to calculate the externally monitored voltage
(VMON-TH):
VMON-TH = VTH-RSTIN  (R1+ R2)/R2
where VMON-TH is the desired reset threshold voltage
and VTH-RSTIN is the reset input threshold (0.63V).
Resistors R1 and R2 can have very high values to mini-
mize current consumption because of low leakage cur-
rents. Set R2 to some conveniently high value (250k
Ω,
for example), and calculate R1 based on the desired
reset threshold voltage, using the following formula:
R1 = R2  (VMON-TH/VTH-RSTIN - 1) Ω
RESET TIMEOUT PERIOD
210ms
MR1 SETUP PERIOD
tMR
MR1
RESET
Figure 1. MAX6443/MAX6444 Manual Reset Timing Diagram
MR2
RESET
MR1
210ms
tMR
Figure 2. MAX6445/MAX6446/MAX6449/MAX6450 Manual
Reset Timing Diagram


Similar Part No. - MAX6444US29L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6444US__L-T MAXIM-MAX6444US__L-T Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
More results

Similar Description - MAX6444US29L

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com