Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX801_CSA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX801_CSA
Description  8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX801_CSA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX801_CSA Datasheet HTML 4Page - Maxim Integrated Products MAX801_CSA Datasheet HTML 5Page - Maxim Integrated Products MAX801_CSA Datasheet HTML 6Page - Maxim Integrated Products MAX801_CSA Datasheet HTML 7Page - Maxim Integrated Products MAX801_CSA Datasheet HTML 8Page - Maxim Integrated Products MAX801_CSA Datasheet HTML 9Page - Maxim Integrated Products MAX801_CSA Datasheet HTML 10Page - Maxim Integrated Products MAX801_CSA Datasheet HTML 11Page - Maxim Integrated Products MAX801_CSA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MAX801 Watchdog Timer
The watchdog monitors the µP’s activity. If the µP does
not toggle the watchdog input (WDI) within 1.6sec,
reset asserts for the reset timeout period. The internal
1.6sec timer is cleared when reset asserts or when a
transition (low-to-high or high-to-low) occurs at WDI
while reset is not asserted. The timer remains cleared
and does not count as long as reset is asserted. It
starts counting as soon as reset is released (Figure 5).
Supply current is typically reduced by 10µA when WDI
is at a valid logic level. To disable the watchdog func-
tion, leave WDI unconnected. An internal voltage
divider sets WDI to about mid-supply, disabling the
watchdog timer/counter.
MAX808 Chip-Enable Gating
The MAX808 provides internal gating of chip-enable
(CE) signals to prevent erroneous data from corrupting
CMOS RAM in the event of a power failure. During nor-
mal operation, the CE gate is enabled and passes all
CE transitions. When reset is asserted, this path
becomes disabled, preventing erroneous data from
corrupting the CMOS RAM. The MAX808 uses a series
transmission gate from the chip-enable input (CE IN) to
the chip-enable output (CE OUT) (Figure 1). The 8ns
max chip-enable propagation from CE IN to CE OUT
enables the MAX808 to be used with most µPs.
The MAX808 also features write-cycle-completion cir-
cuitry. If VCC falls below the reset threshold while the
µP is writing to RAM, the MAX808 holds the CE gate
enabled for 18µs to allow the µP to complete the write
instruction. If the write cycle has not completed by the
end of the 18µs period, the CE transmission gate turns
off and CE OUT goes high. If the µP completes the
write instruction during the 18µs period, the CE gate
turns off (high impedance) and CE OUT goes high as
soon as the µP pulls CE IN high. CE OUT remains high,
even if CE IN falls low for any reason (Figure 6).
Chip-Enable Input
CE IN is high impedance (disabled mode) while reset is
asserted. During a power-down sequence when VCC
passes the reset threshold, the CE transmission gate
disables. CE IN becomes high impedance 18µs after
reset asserts, provided CE IN is still low. If the µP com-
pletes the write instruction during the 18µs period, the
CE gate turns off. CE IN becomes high impedance as
soon as the µP pulls CE IN high. CE IN remains high
impedance even if the signal at CE IN falls low (Figure
6). During a power-up sequence, CE IN remains high
impedance (regardless of CE IN activity) until reset is
deasserted following the reset timeout period.
In high-impedance mode, the leakage currents into this
input are ±1µA max over temperature. In low-imped-
ance mode, the impedance of CE IN appears as a 75
Ω
resistor in series with the load at CE OUT.
The propagation delay through the CE transmission
gate depends on both the source impedance of the
drive to CE IN and the capacitive loading on CE OUT
(see the Chip-Enable Propagation Delay vs. CE OUT
Load Capacitance graph in the Typical Operating
Characteristics). The CE propagation delay is produc-
tion tested from the 50% point on CE IN to the 50%
point on CE OUT using a 50
Ω driver and 50pF of load
capacitance (Figure 7). For minimum propagation
delay, minimize the capacitive load at CE OUT and use
a low-output-impedance driver.
8-Pin µP Supervisory Circuits
with ±1.5% Reset Accuracy
10
______________________________________________________________________________________
VCC
RESET
WDI
tRP
tRP
tWD
Figure 5. Watchdog Timing
VCC
CE IN
RESET
THRESHOLD
CE OUT
RESET
17
μs
18
μs18μs
17
μs
Figure 6. Chip-Enable Timing


Similar Part No. - MAX801_CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801LCSA MAXIM-MAX801LCSA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX801MCSA MAXIM-MAX801MCSA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX801NCSA MAXIM-MAX801NCSA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
More results

Similar Description - MAX801_CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX807L MAXIM-MAX807L Datasheet
232Kb / 16P
   Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
Rev 4; 11/05
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6391 MAXIM-MAX6391 Datasheet
168Kb / 9P
   Dual-Voltage uP Supervisory Circuits with Sequenced Reset Outputs
Rev 1; 10/02
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com