Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4M125P+33 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS4M125P+33
Description  3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4M125P+33 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS4M125P+33 Datasheet HTML 1Page - Maxim Integrated Products DS4M125P+33 Datasheet HTML 2Page - Maxim Integrated Products DS4M125P+33 Datasheet HTML 3Page - Maxim Integrated Products DS4M125P+33 Datasheet HTML 4Page - Maxim Integrated Products DS4M125P+33 Datasheet HTML 5Page - Maxim Integrated Products DS4M125P+33 Datasheet HTML 6Page - Maxim Integrated Products DS4M125P+33 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The DS4M125/DS4M133/DS4M200 are margining clock
oscillators with LVPECL or LVDS outputs. They are
designed to fit in a 5mm x 3.2mm ceramic package with
an AT-cut fundamental-mode crystal to form a complete
clock oscillator. The circuit can generate the following
frequencies and their ±5% frequency deviations:
125MHz, 133.33MHz, and 200MHz. The DS4M125/
DS4M133/DS4M200 employ a low-jitter PLL to generate
the frequencies. The typical phase jitter is less than
0.9ps RMS from 12kHz to 20MHz.
Frequency margining is a circuit operation to change
the output frequency to 5% higher or 5% lower than the
nominal frequency. Frequency margining is accom-
plished through the margining select pin, MS. This
three-state input pin accepts a three-level voltage signal
to control the output frequency. In a low-level state, the
output frequency is set to the nominal frequency. When
set to a high-level state, the frequency output is set to
the nominal frequency plus 5%. When set to the mid-
level state, the frequency output is equal to the nominal
frequency minus 5%. If left open, the MS pin is pulled
low by an internal 100k
Ω (nominal) pulldown resistor.
The DS4M125/DS4M133/DS4M200 are available with
either an LVPECL or LVDS output. The output can be
disabled by pulling the OE pin low. When disabled,
both OUTP and OUTN levels of the LVPECL driver go to
the LVPECL bias voltage, while the output of the LVDS
driver is a logical one. The OE input is an active-high
logic signal and has an internal 100k
Ω pullup resistor.
When OE is in a logic-high state, the OUTP and OUTN
outputs are enabled.
The devices operate from a single 3.3V supply voltage.
Applications
Memory Clocks
RAID Systems
Features
♦ Frequency Margining: ±5%
♦ Nominal Clock Output Frequencies: 125MHz,
133.33MHz, and 200MHz
♦ Jitter < 0.9ps RMS from 12kHz to 20MHz
♦ LVPECL or LVDS Output
♦ 3.3V Operating Voltage
♦ Operating Temperature Range: -40°C to +85°C
♦ Supply Current: < 100mA at 3.3V
♦ Excellent Power-Supply Noise Rejection
♦ 5mm x 3.2mm Ceramic LCCC Package
♦ Output Enable/Disable
3.3V Margining Clock Oscillator with
LVPECL/LVDS Output
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
DS4M125/
DS4M133/
DS4M200
DS4M125/
DS4M133/
DS4M200
VCC
OUTP
OUTN
LVDS OPTION
OE
MS
GND
0.01
μF
0.1
μF
100
Ω
OE
MS
GND
VCC
OUTP
OUTN
LVPECL OPTION
0.01
μF
0.1
μF
50
Ω
50
Ω
PECL_BIAS AT
VCC - 2.0V
Typical Operating Circuit
Rev 0; 12/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
DS4M125P+33
-40
°C to +85°C
10 LCCC
DS4M125D+33
-40
°C to +85°C
10 LCCC
DS4M133P+33
-40
°C to +85°C
10 LCCC
DS4M133D+33
-40
°C to +85°C
10 LCCC
DS4M200P+33
-40
°C to +85°C
10 LCCC
DS4M200D+33
-40
°C to +85°C
10 LCCC
+
Denotes a lead(Pb)-free package. The lead finish is JESD97
category e4 (Au over Ni) and is compatible with both lead-based
and lead-free soldering processes.
Pin Configuration and Selector Guide appear at end of
data sheet.


Similar Part No. - DS4M125P+33

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
   power light source LUXEON짰 V Portable
logo
SICK AG
DS40-N21211 SICK-DS40-N21211 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
DS40-N41211 SICK-DS40-N41211 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
DS40-P21211 SICK-DS40-P21211 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
DS40-P21221 SICK-DS40-P21221 Datasheet
460Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS4M125P+33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
   LVPECL or LVDS Clock Oscillator
13/2/08
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
   LVPECL or LVDS CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
EE14-511 CONNOR-WINFIELD-EE14-511 Datasheet
209Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
EE14-511G CONNOR-WINFIELD-EE14-511G Datasheet
221Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
logo
Golledge Electronics Lt...
MCSO2LV GOLLEDGE-MCSO2LV Datasheet
556Kb / 4P
   3.3V Low Jitter Oscillator with LVDS Output
logo
Micrel Semiconductor
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com