Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6753KA-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6753KA-T
Description  uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6753KA-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6753KA-T Datasheet HTML 6Page - Maxim Integrated Products MAX6753KA-T Datasheet HTML 7Page - Maxim Integrated Products MAX6753KA-T Datasheet HTML 8Page - Maxim Integrated Products MAX6753KA-T Datasheet HTML 9Page - Maxim Integrated Products MAX6753KA-T Datasheet HTML 10Page - Maxim Integrated Products MAX6753KA-T Datasheet HTML 11Page - Maxim Integrated Products MAX6753KA-T Datasheet HTML 12Page - Maxim Integrated Products MAX6753KA-T Datasheet HTML 13Page - Maxim Integrated Products MAX6753KA-T Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications Information
Selecting Reset/Watchdog
Timeout Capacitor
The reset timeout period is adjustable to accommodate
a variety of µP applications. Adjust the reset timeout
period (tRP) by connecting a capacitor (CSRT) between
SRT and ground. Calculate the reset timeout capacitor
as folllows:
CSRT = tRP / (5.06 x 106),
with tRP in seconds and CSRT in Farads.
The watchdog timeout period is adjustable to accom-
modate a variety of µP applications. With this feature,
the watchdog timeout can be optimized for software
execution. The programmer can determine how often
the watchdog timer should be serviced. Adjust the
watchdog timeout period (tWD) by connecting a specif-
ic value capacitor (CSWT) between SWT and GND. For
normal mode operation, calculate the watchdog time-
out capacitor as follows:
CSWT = tWD/(5.06 x 106),
with tRP in seconds and CSRT in Farads.
For the MAX6752 and MAX6753 windowed watchdog
function, calculate the slow watchdog period, tWD2 as
follows:
tWD2 = 0.65 x 109 x CSWT
CSRT and CSWT must be a low-leakage (< 10nA) type
capacitor. Ceramic capacitors are recommended.
Transient Immunity
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, these supervi-
sors are relatively immune to short-duration supply tran-
sients (glitches). The Maximum Transient Duration vs.
Reset Threshold Overdrive graph in the
Typical
Operating Characteristics shows this relationship.
The area below the curves of the graph is the region
in which these devices typically do not generate a reset
pulse. This graph was generated using a falling pulse
applied to VCC , starting above the actual reset threshold
(VTH) and ending below it by the magnitude indicated
(reset-threshold overdrive). As the magnitude of the tran-
sient increases (farther below the reset threshold), the
maximum allowable pulse width decreases. Typically, a
VCC transient that goes 100mV below the reset threshold
and lasts 50µs or less does not cause a reset pulse to be
issued.
µP Reset Circuits with Capacitor-Adjustable
Reset/Watchdog Timeout Delay
10
______________________________________________________________________________________
MAX6747
MAX6749
MAX6451
MAX6753
GND
N
RESET
RESET
5V
VCC
VCC
GND
3.3V
µP
100k
Figure 6. Interfacing to Other Voltage Levels
WDI
(a) FAST FAULT
(b) SLOW FAULT
WDI
RESET
(c) NORMAL OPERATION (NO PULSING, OUTPUT STAYS HIGH)
RESET
WDI
RESET
tWDI < tWD1 (MIN)
tWDI > tWD2 (MAX)
tWD1 (MAX) < tWDI < tWD2 (MIN)
Figure 5. MAX6752/MAX6753 Window Watchdog Diagram


Similar Part No. - MAX6753KA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6753KA16 MAXIM-MAX6753KA16 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6753KA16 MAXIM-MAX6753KA16 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA23 MAXIM-MAX6753KA23 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6753KA23 MAXIM-MAX6753KA23 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA26 MAXIM-MAX6753KA26 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
More results

Similar Description - MAX6753KA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com