Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX808_CSA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX808_CSA
Description  8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX808_CSA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX808_CSA Datasheet HTML 4Page - Maxim Integrated Products MAX808_CSA Datasheet HTML 5Page - Maxim Integrated Products MAX808_CSA Datasheet HTML 6Page - Maxim Integrated Products MAX808_CSA Datasheet HTML 7Page - Maxim Integrated Products MAX808_CSA Datasheet HTML 8Page - Maxim Integrated Products MAX808_CSA Datasheet HTML 9Page - Maxim Integrated Products MAX808_CSA Datasheet HTML 10Page - Maxim Integrated Products MAX808_CSA Datasheet HTML 11Page - Maxim Integrated Products MAX808_CSA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Chip-Enable Output
In enabled mode, CE OUT’s impedance is equivalent to
75
Ω in series with the source driving CE IN. In disabled
mode, the 75
Ω transmission gate is off and CE OUT is
actively pulled to the higher of VCC or VBATT. The
source turns off when the transmission gate is enabled.
__________Applications Information
The MAX801/MAX808 are not short-circuit protected.
Shorting OUT to ground, other than power-up transients
such as charging a decoupling capacitor, may destroy
the device. If long leads connect to the IC’s inputs,
ensure that these lines are free from ringing and other
conditions that would forward bias the IC’s protection
diodes. Bypass OUT, VCC, and BATT with 0.1µF
capacitors to GND.
The MAX801/MAX808 operate in two distinct modes:
1) Normal Operating Mode, with all circuitry powered
up. Typical supply current from VCC is 68µA (48µA
for the MAX808), while only leakage currents flow
from the battery.
2) Battery-Backup Mode, where VCC is below VBATT
and VRST. The supply current from the battery is typ-
ically less than 1µA.
Using SuperCaps™ or MaxCaps™
with the MAX801/MAX808
BATT has the same operating voltage range as VCC, and
the battery-switchover threshold voltage is typically
VBATT when VCC is decreasing or VBATT + 0.05V when
VCC is increasing. This hysteresis allows use of a
SuperCap (e.g., around 0.47F) and a simple charging
circuit as a backup source (Figure 8). Since VBATT can
exceed VCC while VCC is above the reset threshold, no
special precautions are needed when using these µP
supervisors with a SuperCap.
Backup-Battery Replacement
The backup battery can be disconnected while VCC is
above the reset threshold, provided BATT is bypassed
with a 0.1µF capacitor to ground. No precautions are
necessary to avoid spurious reset pulses.
Negative-Going VCC Transients
While issuing resets to the µP during power-up, power-
down, and brownout conditions, these supervisors are
relatively immune to short-duration, negative-going VCC
transients (glitches). It is usually undesirable to reset
the µP when VCC experiences only small glitches.
The Typical Operating Characteristics show a graph of
Maximum Transient Duration vs. Reset Threshold
Overdrive, for which reset pulses are not generated.
The graph was produced using negative-going VCC
pulses, starting at 5V and ending below the reset
threshold by the magnitude indicated (reset compara-
tor overdrive). The graph shows the maximum pulse
width that a negative-going VCC transient may typically
have without causing a reset pulse to be issued. As the
amplitude of the transient increases (i.e., goes farther
below the reset threshold), the maximum allowable
pulse width decreases. Typically, a VCC transient that
goes 40mV below the reset threshold and lasts for 3µs
or less will not cause a reset pulse to be issued. A
0.1µF bypass capacitor mounted close to the VCC pin
provides additional transient immunity.
8-Pin µP Supervisory Circuits
with ±1.5% Reset Accuracy
______________________________________________________________________________________
11
MAX808
CE IN
50pF CLOAD
CE OUT
GND
VRST(max)
50
Ω DRIVER
VCC
Figure 7. MAX808 CE Gate Test Circuit
MAX801
MAX808
0.47F
1N4148
+5V
VCC
GND
BATT
OUT
Figure 8. Using the MAX801/MAX808 with a SuperCap


Similar Part No. - MAX808_CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX808LCSA MAXIM-MAX808LCSA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX808MCSA MAXIM-MAX808MCSA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX808NCSA MAXIM-MAX808NCSA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
More results

Similar Description - MAX808_CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX807L MAXIM-MAX807L Datasheet
232Kb / 16P
   Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
Rev 4; 11/05
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6391 MAXIM-MAX6391 Datasheet
168Kb / 9P
   Dual-Voltage uP Supervisory Circuits with Sequenced Reset Outputs
Rev 1; 10/02
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com