Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX800LESE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX800LESE
Description  Microprocessor Supervisory Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX800LESE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX800LESE Datasheet HTML 7Page - Maxim Integrated Products MAX800LESE Datasheet HTML 8Page - Maxim Integrated Products MAX800LESE Datasheet HTML 9Page - Maxim Integrated Products MAX800LESE Datasheet HTML 10Page - Maxim Integrated Products MAX800LESE Datasheet HTML 11Page - Maxim Integrated Products MAX800LESE Datasheet HTML 12Page - Maxim Integrated Products MAX800LESE Datasheet HTML 13Page - Maxim Integrated Products MAX800LESE Datasheet HTML 14Page - Maxim Integrated Products MAX800LESE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Microprocessor Supervisory Circuits
______________________________________________________________________________________
11
Power-Fail Output
The Power-Fail Output (PFO) goes low when PFI goes
below 1.25V. It typically sinks 3.2mA with a saturation
voltage of 0.1V. With PFI above 1.25V, PFO is actively
pulled to VOUT.
Battery-Backup Mode
Two conditions are required to switch to battery-back-
up mode: 1) VCC must be below the reset threshold,
and 2) VCC must be below VBATT. Table 2 lists the sta-
tus of the inputs and outputs in battery-backup mode.
Battery-On Output
The Battery-On (BATT ON) output indicates the status
of the internal VCC/battery-switchover comparator,
which controls the internal VCC and VBATT switches.
For VCC greater than VBATT (ignoring the small hys-
teresis effect), BATT ON typically sinks 3.2mA at 0.1V
saturation voltage. In battery-backup mode, this termi-
nal sources approximately 10µA from VOUT. Use BATT
ON to indicate battery-switchover status or to supply
base drive to an external pass transistor for higher-cur-
rent applications (see
Typical Operating Circuit).
Input Supply Voltage
The Input Supply Voltage (VCC) should be a regulated
5V. VCC connects to VOUT via a parallel diode and a
large PMOS switch. The switch carries the entire cur-
rent load for currents less than 250mA. The parallel
diode carries any current in excess of 250mA. Both the
switch and the diode have impedances less than 1
Ω
each. The maximum continuous current is 250mA, but
power-on transients may reach a maximum of 1A.
MAX691A
MAX693A
MAX800L
MAX800M
CE IN
CLOAD
CE OUT
GND
+5V
50
Ω
OUTPUT
IMPEDANCE
VCC
VBATT
2.8V
MAX691A
MAX693A
MAX800L
MAX800M
PFI
PFO
GND
+5V
VCC
VBATT
2.0V to 5.5V
LOW BATT
Figure 6. CE Propagation Delay Test Circuit
Figure 7. Low-Battery Indicator
PIN
NAME
STATUS
1
VBATT
Supply current is 1µA max.
2
VOUT
VOUT is connected to VBATT through an
internal PMOS switch.
3
VCC
Battery switchover comparator monitors
VCC for active switchover.
4
GND
GND 0V, 0V reference for all signals.
5
BATT ON
Logic high. The open-circuit output is
equal to VOUT.
6
LOWLINE
Logic low*
7
OSC IN
OSC IN is ignored.
8
OSC SEL
OSC SEL is ignored.
9
PFI
The power-fail comparator remains
active in the battery-backup mode for
VCC ≥ VBATT - 1.2V typ.
10
PFO
The power-fail comparator remains
active in the battery-backup mode for
VCC ≥ VBATT - 1.2V typ. Below this volt-
age, PFO is forced low.
11
WDI
Watchdog is ignored.
12
CE OUT
Logic high. The open-circuit voltage is
equal to VOUT.
13
CE IN
High impedance
14
WDO
Logic high. The open-circuit voltage is
equal to VOUT.
15
RESET
Logic low*
16
RESET
High impedance*
Table 2. Input and Output Status in Battery-Backup
Mode
* VCC must be below the reset threshold to enter battery-backup
mode.


Similar Part No. - MAX800LESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX800LESE MAXIM-MAX800LESE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
More results

Similar Description - MAX800LESE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com