Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX808_EPA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX808_EPA
Description  8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX808_EPA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX808_EPA Datasheet HTML 3Page - Maxim Integrated Products MAX808_EPA Datasheet HTML 4Page - Maxim Integrated Products MAX808_EPA Datasheet HTML 5Page - Maxim Integrated Products MAX808_EPA Datasheet HTML 6Page - Maxim Integrated Products MAX808_EPA Datasheet HTML 7Page - Maxim Integrated Products MAX808_EPA Datasheet HTML 8Page - Maxim Integrated Products MAX808_EPA Datasheet HTML 9Page - Maxim Integrated Products MAX808_EPA Datasheet HTML 10Page - Maxim Integrated Products MAX808_EPA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
8-Pin µP Supervisory Circuits
with ±1.5% Reset Accuracy
_______________________________________________________________________________________
7
_________________________________________________Pin Description (continued)
Active-High Reset Output. RESET is the inverse of RESET. It is a CMOS output that
sources and sinks current. RESET swings between VCC and GND.
5
Chip-Enable Output. Output to the chip-enable gating circuit. CE OUT is pulled up to
the higher of VCC or VBATT when the chip-enable gate is disabled.
5
Watchdog Input. If WDI remains high or low longer than the watchdog timeout period
(typically 1.6sec), RESET will be asserted for 200ms. Leave unconnected to disable the
watchdog function.
6
Chip-Enable Input
6
RESET
CE OUT
WDI
CE IN
BATT
OUT
Backup-Battery Input. When VCC falls below the reset threshold and VBATT, OUT switch-
es from VCC to BATT. VBATT may exceed VCC. The battery can be removed while the
MAX801/MAX808 is powered up, provided BATT is bypassed with a 0.1µF capacitor to
GND. If no battery is used, connect BATT to ground and VCC to OUT.
7
7
Output Supply Voltage to CMOS RAM. When VCC exceeds the reset threshold or VBATT,
OUT connects to VCC. When VCC falls below the reset threshold and VBATT, OUT con-
nects to BATT. Bypass OUT with a 0.1µF capacitor to GND.
8
8
NAME
MAX801
MAX808
FUNCTION
PIN
MAX801
MAX808
CE IN
GND
VCC
BATT
THE HIGHER
OF VCC
OR VBATT
MAX801 ONLY
MAX808 ONLY
BATTERY-BACKUP
COMPARATOR
RESET
COMPARATOR
LOW-LINE
COMPARATOR
2.275V
OUT
LOWLINE
WDI
RESET (MAX801 ONLY)
RESET
CE OUT
P
P
N
WATCHDOG
TRANSITION
DETECTOR
STATE
MACHINE
OSCILLATOR
Figure 1. Functional Diagram


Similar Part No. - MAX808_EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX808LEPA MAXIM-MAX808LEPA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX808MEPA MAXIM-MAX808MEPA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX808NEPA MAXIM-MAX808NEPA Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
More results

Similar Description - MAX808_EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX807L MAXIM-MAX807L Datasheet
232Kb / 16P
   Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
Rev 4; 11/05
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6391 MAXIM-MAX6391 Datasheet
168Kb / 9P
   Dual-Voltage uP Supervisory Circuits with Sequenced Reset Outputs
Rev 1; 10/02
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com