Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8211CUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8211CUA
Description  Microprocessor Voltage Monitors with Programmable Voltage Detection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8211CUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8211CUA Datasheet HTML 1Page - Maxim Integrated Products MAX8211CUA Datasheet HTML 2Page - Maxim Integrated Products MAX8211CUA Datasheet HTML 3Page - Maxim Integrated Products MAX8211CUA Datasheet HTML 4Page - Maxim Integrated Products MAX8211CUA Datasheet HTML 5Page - Maxim Integrated Products MAX8211CUA Datasheet HTML 6Page - Maxim Integrated Products MAX8211CUA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Microprocessor Voltage Monitors
with Programmable Voltage Detection
2
_______________________________________________________________________________________
Supply Voltage .......................................................-0.5V to +18V
Output Voltage .......................................................-0.5V to +18V
Hysteresis...................+0.5V to -18V with respect to (V+ + 0.5V)
Threshold Input Voltage ...............................-0.5V to (V+ + 0.5V)
Current into Any Terminal .................................................±50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C)..........640mW
8-Pin TO-99 (derate 6.67mW/°C above +70°C).............533mW
Operating Temperature Ranges
MAX821_C_ _ .......................................................0°C to +70°C
MAX821_E_ _.....................................................-40°C to +85°C
MAX821_M_ _ ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 5V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
UNITS
TA = +25°C
515
515
Supply Current
I+
2V
≤ V+ ≤ 16.5V,
GND
≤ VTH ≤ V+
TA = TMIN to TMAX
20
20
µA
Threshold Voltage
Disparity between Output
and Hysteresis Output
VTHP
±0.1
±0.1
mV
2.0
16.5
2.0
16.5
Guaranteed Operating
Supply Voltage Range
VSUPP
2.2
16.5
2.2
16.5
V
Typical Operating
Supply Voltage Range
VSUPP
1.5
16.5
1.5
16.5
V
Threshold Voltage
Temperature Coefficient
∆VTH/∆T
-200
-200
ppm/°C
Variation of Threshold
Voltage with Supply Voltage
∆VTH
V+ = 4.5V to 5.5V
1.0
0.2
mV
0.01
10
0.01
10
Threshold Input Current
ITH
20
20
nA
Output Leakage Current
ILOUT
VOUT = 16.5V, VTH = 1.0V
10
VOUT = 16.5V, VTH = 1.3V
10
VOUT = 5V, VTH = 1.0V
1
TA = TMIN to TMAX,
C/E temp. ranges
VOUT = 5V, VTH = 1.3V
1
VOUT = 16.5V, VTH = 0.9V
30
VOUT = 16.5V, VTH = 1.3V
30
VOUT = 5V, VTH = 0.9V
10
TA = TMIN to TMAX,
M temp. range
VOUT = 5V, VTH = 1.3V
10
µA
MAX8212
MIN TYP MAX
MAX8211
MIN TYP MAX
TA = TMIN to TMAX
0V
≤ VTH ≤ V+, TA = +25°C
IOUT = 4mA,
IHYST = 1mA
TA = +25°C
TA = TMIN to TMAX
See Figure 4
V+ = 16.5V, IOUT = 3mA
1.05
1.25 1.05
1.25
V+ = 16.5V, IOUT = 4mA
1.11
1.19 1.11
1.19
Threshold Trip Voltage
VTH
TA = +25°C
V+ = 2V, IOUT = 500µA
V
TA = TMIN to TMAX
V+ = 2.2V, IOUT = 500µA


Similar Part No. - MAX8211CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8211CUA MAXIM-MAX8211CUA Datasheet
67Kb / 8P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
More results

Similar Description - MAX8211CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8211 MAXIM-MAX8211 Datasheet
67Kb / 8P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Guangdong Youtai Semico...
MAX809 UMW-MAX809 Datasheet
1Mb / 8P
   Microprocessor voltage detection reset chip
logo
TECH PUBLIC Electronics...
TPAX809 TECHPUBLIC-TPAX809 Datasheet
4Mb / 7P
   Microprocessor voltage detection reset chip
MAX809 TECHPUBLIC-MAX809_V01 Datasheet
3Mb / 7P
   Microprocessor Voltage Detection Reset Chip
MAX809 TECHPUBLIC-MAX809 Datasheet
3Mb / 7P
   Microprocessor Voltage Detection Reset Chip
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
logo
Shenzhen Huazhimei Semi...
HM6101 HMSEMI-HM6101 Datasheet
449Kb / 5P
   programmable voltage detection chip
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215_05 Datasheet
508Kb / 12P
   ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com