Electronic Components Datasheet Search |
|
MAX6304CPA Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX6304CPA Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 12 page Detailed Description Reset Function/Output The reset output is typically connected to the reset input of a µP. A µP’s reset input starts or restarts the µP in a known state. The MAX6301–MAX6304 µP supervisory circuits provide the reset logic to prevent code-execution errors during power-up, power-down, and brownout conditions (see the Typical Operating Circuit). For the MAX6301/MAX6303, RESET changes from high to low whenever the monitored voltage (VIN) drops below the reset threshold voltage (VRST). RESET remains low as long as VIN is below VRST. Once VIN exceeds VRST, RESET remains low for the reset timeout period, then goes high. When a reset is asserted due to a watchdog timeout condition, RESET stays low for the reset timeout period. Any time reset asserts, the watch- dog timer clears. At the end of the reset timeout period, RESET goes high and the watchdog timer is restarted from zero. If the watchdog timeout period is exceeded again, then RESET goes low again. This cycle contin- ues unless WDI receives a transition. On power-up, once VCC reaches 1V, RESET is guaran- teed to be a logic-low. For information about applica- tions where VCC is less than 1V, see the Ensuring a Valid RESET/RESET Output Down to VCC = 0V (MAX6303/ MAX6304) section. As VCC rises, RESET remains low. When VIN rises above VRST, the reset timer starts and RESET remains low. When the reset timeout period ends, RESET goes high. On power-down, once VIN goes below VRST, RESET goes low and is guaranteed to be low until VCC drops below 1V. For information about applications where VCC is less than 1V, see the Ensuring a Valid RESET/RESET Output Down to VCC = 0V (MAX6303/ MAX6304) section. The MAX6302/MAX6304 active-high RESET output is the inverse of the MAX6301/MAX6303 active-low RESET output, and is guaranteed valid for VCC > 1.31V. Reset Threshold These supervisors monitor the voltage on RESET IN. The MAX6301–MAX6304 have an adjustable reset threshold voltage (VRST) set with an external resistor voltage-divider (Figure 1). Use the following formula to calculate VRST (the point at which the monitored voltage triggers a reset): where VRST is the desired reset threshold voltage and VTH is the reset input threshold (1.22V). Resistors R1 and R2 can have very high values to minimize current consumption. Set R2 to some conveniently high value (1M Ω, for example) and calculate R1 based on the desired reset threshold voltage, using the following formula: Watchdog Timer The watchdog circuit monitors the µP’s activity. If the µP does not toggle the watchdog input (WDI) within tWD (user selected), reset asserts. The internal watchdog timer is cleared by reset, by a transition at WDI (which can detect pulses as short as 30ns), or by a transition at WDS. The watchdog timer remains cleared while reset is asserted; as soon as reset is released, the timer starts counting (Figure 2). The MAX6301–MAX6304 feature two modes of watchdog timer operation: normal mode and extended mode. In normal mode (WDS = GND), the watchdog timeout period is determined by the value of the capacitor con- nected between SWT and ground (see the Selecting the Reset and Watchdog Timeout Capacitor section). In extended mode (WDS = VCC), the watchdog timeout period is multiplied by 500. For example, in the extended mode, a 1µF capacitor gives a watchdog timeout period of 22 minutes (see the Extended-Mode Watchdog Timeout Period vs. CSWT graph in the Typical Operating Characteristics). In extended mode, the watchdog function can be disabled by leaving WDI unconnected or by three-stating the driver connected to WDI. In this mode, the watchdog input is internally driven low during the watchdog timeout period, then momentarily pulses high, resetting the R1 R2 V V 1 RST TH =× − ⎛ ⎝⎜ ⎞ ⎠⎟ () Ω V VR1 R2 R2 V RST TH = ×+ () () 0.1µF MAX6301 MAX6302 MAX6303 MAX6304 VCC RESET IN R2 R1 VIN VRST = 1.22 (R1 + R2) R2 +5V, Low-Power µP Supervisory Circuits with Adjustable Reset/Watchdog 6 _______________________________________________________________________________________ Figure 1. Calculating the Reset Threshold Voltage (VRST) |
Similar Part No. - MAX6304CPA |
|
Similar Description - MAX6304CPA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |