Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6308 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6308
Description  5-Pin, Multiple-Input, Programmable Reset ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6308 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6308 Datasheet HTML 1Page - Maxim Integrated Products MAX6308 Datasheet HTML 2Page - Maxim Integrated Products MAX6308 Datasheet HTML 3Page - Maxim Integrated Products MAX6308 Datasheet HTML 4Page - Maxim Integrated Products MAX6308 Datasheet HTML 5Page - Maxim Integrated Products MAX6308 Datasheet HTML 6Page - Maxim Integrated Products MAX6308 Datasheet HTML 7Page - Maxim Integrated Products MAX6308 Datasheet HTML 8Page - Maxim Integrated Products MAX6308 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
5-Pin, Multiple-Input,
Programmable Reset ICs
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
3
ELECTRICAL CHARACTERISTICS (continued)
VCC = +2.5V to +5.5V for the MAX6305/MAX6308/MAX6311, VCC = (VTH + 2.5%) to +5.5V for the MAX6306/MAX6307/MAX6309/
MAX6310/MAX6312/MAX6313; TA = -40°C to +85°C; unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: Overtemperature limits are guaranteed by design, not production tested.
Note 2: The MAX6305/MAX6308/MAX6311 switch from undervoltage reset to normal operation between 1.5V < VCC < 2.5V.
Note 3: The MAX6306/MAX6307/MAX6309/MAX6310/MAX6312/MAX6313 monitor VCC through an internal factory-trimmed voltage
divider, which programs the nominal reset threshold. Factory-trimmed reset thresholds are available in approximately
100mV increments from 2.5V to 5V (Table 1).
Note 4: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MANUAL-RESET INPUT (MAX6306/MAX6309/MAX6312)
VIL
0.8
VIH
VTH > 4.0V
2.4
VIL
0.3 x VCC
MR Input
VIH
VTH < 4.0V
0.7 x VCC
V
TA = 0°C to +70°C
1
MR Minimum Input
Pulse Width
TA = -40°C to +85°C
1.5
µs
MR Glitch Rejection
0.1
µs
MR to Reset Delay
500
nsV
MR Pullup Resistance
32
63.5
100
k
Ω
ADJUSTABLE RESET COMPARATOR INPUTS
TA = +25°C
1.21
1.23
1.25
MAX6305–MAX6313, TA = 0°C to +70°C
1.20
1.26
RST IN_/OVRST_IN
Input Threshold
VRSTH
MAX6305E–MAX6313E, TA = -40°C to +85°C
1.20
1.26
V
RST IN_/OVRST_IN
Input Current
IRST IN_
0V < VRST IN < VCC - 0.3V (Note 4)
-25
+25
nA
RST IN_/OVRST_IN
Hysteresis
2.5
mV


Similar Part No. - MAX6308

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6308 MAXIM-MAX6308 Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
MAX6308 MAXIM-MAX6308 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6308 MAXIM-MAX6308 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6308 MAXIM-MAX6308 Datasheet
118Kb / 8P
   Supervisory Circuit Evaluation Kit
19-4779; Rev 0; 8/98
MAX6308EUK00D-T MAXIM-MAX6308EUK00D-T Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
More results

Similar Description - MAX6308

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
   Multiple Voltage Supervisory ICs
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com