Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4300P+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS4300P+
Description  DS4-XO Series Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4300P+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS4300P+ Datasheet HTML 1Page - Maxim Integrated Products DS4300P+ Datasheet HTML 2Page - Maxim Integrated Products DS4300P+ Datasheet HTML 3Page - Maxim Integrated Products DS4300P+ Datasheet HTML 4Page - Maxim Integrated Products DS4300P+ Datasheet HTML 5Page - Maxim Integrated Products DS4300P+ Datasheet HTML 6Page - Maxim Integrated Products DS4300P+ Datasheet HTML 7Page - Maxim Integrated Products DS4300P+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DS4-XO Series Crystal Oscillators
_______________________________________________________________________________________
5
Detailed Description
The devices consist of a fundamental-mode, AT-cut
crystal and a synthesizer IC that can synthesize any
one of these frequencies: 77.76MHz, 125MHz,
150MHz, 155.52MHz, 156.25MHz, 160MHz, 250MHz,
300MHz, 311.04MHz, 312.5MHz, and 622.08MHz.
All devices support two types of differential output dri-
vers: LVDS and LVPECL. When the OE signal is low,
LVPECL outputs go to the PECL_BIAS level of
VCC - 2.0V, while the LVDS outputs are a logical one.
See Figures 2 and 3 for an LVDS and LVPECL output
timing diagram.
Additional Information
For more available frequencies, refer to the DS4106
data sheet at www.maxim-ic.com/DS4106.
X1
X2
TRI-
STATE
PHASE
DET
FILTER
LC-VCO
/n
OUTSELN
/m
OUTDRV
VCC
GND
OE
OUTP
OUTN
DS4125–DS4776
Figure 1. Functional Diagram
OE
OUTP
tP1A
tPA1
0.7 x VCC
0.3 x VCC
OUTN
Figure 2. LVDS Output Timing Diagram When OE Is Enabled
and Disabled
OE
OUTP
PECL_BIAS
PECL_BIAS
PECL_BIAS
PECL_BIAS
OUTN
0.7 x VCC
0.3 x VCC
tPAZ
tPZA
Figure 3. LVPECL Output Timing Diagram When OE Is Enabled
and Disabled


Similar Part No. - DS4300P+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
logo
Dallas Semiconductor
DS4301U-200 DALLAS-DS4301U-200 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301U-200 MAXIM-DS4301U-200 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS4302 MAXIM-DS4302 Datasheet
535Kb / 8P
   2-Wire, 5-Bit DAC with Three Digital Outputs
Rev 1; 6/04
More results

Similar Description - DS4300P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4125 MAXIM-DS4125 Datasheet
130Kb / 6P
   DS4-XO Series Crystal Oscillators
Rev 0; 7/07
logo
Vectron International, ...
XO-400 VECTRON-XO-400_09 Datasheet
141Kb / 2P
   Crystal Oscillators (XO?셲)
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
   of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
GMPALAHATA-WK WK-GMPALAHATA-WK Datasheet
94Kb / 1P
   CRYSTAL-OSCILLATORS
logo
Vectron International, ...
XO-480 VECTRON-XO-480 Datasheet
56Kb / 2P
   Crystal Oscillators
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
   Crystal Oscillators
logo
Nel Frequency Controls,...
AE-X0A5XXXX-X NEL-AE-X0A5XXXX-X Datasheet
378Kb / 5P
   crystal oscillators (XO) provides high frequency with Sine-Wave or CMOS output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com