Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6324BUT46 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6324BUT46
Description  uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6324BUT46 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6324BUT46 Datasheet HTML 5Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 6Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 7Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 8Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 9Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 10Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 11Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 12Page - Maxim Integrated Products MAX6324BUT46 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
______________________________________________________________________________________
11
Chip Information
TRANSISTOR COUNT: 1371
PROCESS: BiCMOS
SUFFIX
46
44
31
29
26
23
MIN
MAX
UNITS
V
4.75
4.50
3.15
3.00
2.70
2.38
2.32
2.63
2.93
3.08
4.38
4.63
TYP
4.50
4.25
3.00
2.85
2.55
2.25
MAX6323AUT29
MAX6324AUT29
MAX6323AUT46
MAX6324AUT46
MAX6323CUT29
MAX6324BUT29
MAX6323CUT46
MAX6324BUT46
MAX6323DUT29
MAX6324EUT29
MAX6323DUT46
MAX6324EUT46
MAX6323HUT29
MAX6324HUT29
MAX6323HUT46
MAX6324HUT46
Reset Threshold Range
(-40°C to +125°C)
Standard Versions
Ordering Information (continued)
PART
TEMP
RANGE
PIN-
PACKAGE
RESET
OUTPUT
MAX6324_UT_ _-T
-40°C to +125°C
6 SOT23
Open
Drain
MAX6324_UT_ _-T/V
-40°C to +125°C
6 SOT23
Open
Drain
MAX6324_UT_ _+T/V
-40°C to +125°C
6 SOT23
Open
Drain
*These devices are factory trimmed to one of eight watchdog-
timeout windows and one of six reset voltage thresholds. Insert
the letter corresponding to the desired watchdog-timeout window
(A, B, C, D, E, F, G, or H) into the blank following the number
6323 or 6324 (see Watchdog Timeout table). Insert the two-digit
code (46, 44, 31, 29, 26, or 23) after the letters UT for the desired
nominal reset threshold (see Reset Threshold Range table at end
of data sheet).
/V denotes an automotive qualified part.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Note: There are eight standard versions of each device available
(see Standard Versions table). Sample stock is generally held on
standard versions only. Standard versions have an order incre-
ment requirement of 2500 pieces. Nonstandard versions have an
order increment requirement of 10,000 pieces. Contact factory for
availability of nonstandard versions.


Similar Part No. - MAX6324BUT46

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6324BUT46 MAXIM-MAX6324BUT46 Datasheet
174Kb / 13P
   Supervisory Circuits with Windowed
Rev 6; 1/11
More results

Similar Description - MAX6324BUT46

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6323-MAX6324 MAXIM-MAX6323-MAX6324 Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
logo
Analog Devices
ADM8323WCC29ARJZR7 AD-ADM8323WCC29ARJZR7 Datasheet
283Kb / 16P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8323 AD-ADM8323 Datasheet
261Kb / 15P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com