Electronic Components Datasheet Search |
|
OM1905STM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
OM1905STM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 4 page 3.3 - 95 3.3 ELECTRICAL CHARACTERISTICS -12 Volt V IN = -19V, Io = 500mA, -55°C TA 125°C (unless otherwise specified) Parameter Symbol Test Conditions Min. Max. Unit Output Voltage VOUT TA = 25°C -11.88 -12.12 V VIN = -14.5V to -27V • -11.64 -12.36 V IO = 5mA to 1.0 A, P < 15W Line Regulation VRLINE VIN = -14.5V to -27V 20 mV (Note 1) • 50 mV (Note 4) VIN = -16V to -22V 10 mV • 30 mV Load Regulation VRLOAD IO = 5mA to 1.5 Amp 32 mV (Note 1) • 60 mV IO = 250mA to 750 mA 16 mV • 30 mV Standby Current Drain ISCD 3.5 mA • 4.0 mA Standby Current Drain D ISCD VIN = -14.5V to -27V • 0.8 mA Change With Line (Line) Standby Current Drain D ISCD IO = 5mA to 1000mA • 0.5 mA Change With Load (Load) Dropout Voltage VDO D VOUT = 100mV, IO = 1.0A • 1.8 V Peak Output Current IO (pk) TA = 25°C, IO = 5mA to 1A 1.5 3.3 A Short Circuit Current IDS VIN = -35V 1.2 A (Note 2) • 2.8 A Ripple Rejection D VIN f =120 Hz, DVIN = -10V 56 dB D VOUT (Note 3) • 53 dB Output Noise Voltage NO TA = 25°C, f =10 Hz to 100KHz 40 µV/V (Note 3) RMS Long Term Stability D VOUT TA = 25°C, t = 1000 hrs. 120 mV (Note 3) D t Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. Short Circuit protection is only assured up to V IN = -35V. 3. If not tested, shall be guaranteed to the specified limits. The • denotes the specifications which apply over the full operating temperature range. 4. Minimum load current for full line regulation = 5 mA. 12 3 CONNECTION DIAGRAM Case U 1 Ground 2 Input 3 Output 4 No Connection Case T 1 Ground 2 Input 3 Output 4 Input 4 .430 .410 .200 .190 .038 MAX. .005 .120 TYP. .537 .527 .665 .645 .420 .410 .150 .140 .750 .500 .100 TYP. .035 .025 .045 .035 MECHANICAL OUTLINE OM1905STM/NTM - OM1915NTM/STM |
Similar Part No. - OM1905STM |
|
Similar Description - OM1905STM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |