Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6324HUT29 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6324HUT29
Description  uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6324HUT29 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6324HUT29 Datasheet HTML 1Page - Maxim Integrated Products MAX6324HUT29 Datasheet HTML 2Page - Maxim Integrated Products MAX6324HUT29 Datasheet HTML 3Page - Maxim Integrated Products MAX6324HUT29 Datasheet HTML 4Page - Maxim Integrated Products MAX6324HUT29 Datasheet HTML 5Page - Maxim Integrated Products MAX6324HUT29 Datasheet HTML 6Page - Maxim Integrated Products MAX6324HUT29 Datasheet HTML 7Page - Maxim Integrated Products MAX6324HUT29 Datasheet HTML 8Page - Maxim Integrated Products MAX6324HUT29 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
4
_______________________________________________________________________________________
0
30
35
40
25
20
15
10
5
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
SUPPLY CURRENT vs. TEMPERATURE
VCC = 5.5V
VCC = 3.3V
VCC = 1.0V
0
30
20
5
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
POWER-DOWN RESET DELAY
vs. TEMPERATURE
VOD = 20mV
VOD = 100mV
25
15
10
0.9985
0.9990
0.9995
1.0000
1.0005
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
0.9980
0.994
1.004
1.006
1.008
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
NORMALIZED POWER-UP RESET TIMEOUT
vs. TEMPERATURE
1.002
1.000
0.998
0.996
0.992
1.004
1.002
1.000
0.998
1.006
1.008
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
NORMALIZED WATCHDOG TIMEOUT
PERIOD (FAST) vs. TEMPERATURE
0.996
0.994
0.995
1.000
1.001
0.999
0.997
0.998
0.996
1.002
1.003
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
NORMALIZED WATCHDOG TIMEOUT
PERIOD (SLOW) vs. TEMPERATURE
0.992
1.004
1.002
1.000
1.006
1.008
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
NORMALIZED WATCHDOG OUTPUT
PULSE WIDTH vs. TEMPERATURE
0.998
0.996
0.994
VOD = VTH - VCC
400
0
1
100
1000
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
100
50
150
200
250
300
350
RESET COMPARATOR OVERDRIVE (mV)
10
MAX632_AUT23
RESET ASSERTED
ABOVE THIS LINE
Typical Operating Characteristics
(VCC = full range, TA = +25°C, unless otherwise noted.)
40
120
100
80
60
140
160
-40
20
0
-20
40
60
80
TEMPERATURE (
°C)
MR TO RESET DELAY
vs. TEMPERATURE
20
0


Similar Part No. - MAX6324HUT29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6324HUT29 MAXIM-MAX6324HUT29 Datasheet
174Kb / 13P
   Supervisory Circuits with Windowed
Rev 6; 1/11
More results

Similar Description - MAX6324HUT29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6323-MAX6324 MAXIM-MAX6323-MAX6324 Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
logo
Analog Devices
ADM8323WCC29ARJZR7 AD-ADM8323WCC29ARJZR7 Datasheet
283Kb / 16P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8323 AD-ADM8323 Datasheet
261Kb / 15P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com