Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6446UK Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6446UK
Description  uP Reset Circuits with Long Manual Reset Setup Period
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6446UK Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6446UK Datasheet HTML 1Page - Maxim Integrated Products MAX6446UK Datasheet HTML 2Page - Maxim Integrated Products MAX6446UK Datasheet HTML 3Page - Maxim Integrated Products MAX6446UK Datasheet HTML 4Page - Maxim Integrated Products MAX6446UK Datasheet HTML 5Page - Maxim Integrated Products MAX6446UK Datasheet HTML 6Page - Maxim Integrated Products MAX6446UK Datasheet HTML 7Page - Maxim Integrated Products MAX6446UK Datasheet HTML 8Page - Maxim Integrated Products MAX6446UK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
µP Reset Circuits with Long Manual Reset
Setup Period
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MR2 Minimum Setup Period
Pulse Width
MAX6447/MAX6448/MAX6451/MAX6452
1
µs
MR2 Glitch Rejection
MAX6447/MAX6448/MAX6451/MAX6452
100
ns
MR2 to RESET Delay
MAX6447/MAX6448/MAX6451/MAX6452
200
ns
Manual Reset Timeout Period
tMRP
140
210
280
ms
MR1 to VCC Pullup Impedance
25
50
75
k
MR2 to VCC Pullup Impedance
MAX6445/MAX6446/MAX6449/MAX6450
25
50
75
k
VCC
≥ 1.00V, ISINK = 50µA, RESET asserted
0.3
VCC
≥ 1.20V, ISINK = 100µA, RESET
asserted
0.3
VCC
≥ 2.55V, ISINK = 1.2mA, RESET
asserted
0.3
RESET Output Low
(Open Drain or Push-Pull)
VOL
VCC
≥ 4.25V, ISINK = 3.2mA, RESET
asserted
0.4
V
VCC
≥ 1.80V, ISOURCE = 200µA, RESET
deasserted
0.8
× VCC
VCC
≥ 3.15V, ISOURCE = 500µA, RESET
deasserted
0.8
× VCC
RESET Output High
(Push-Pull)
VOH
VCC
≥ 4.75V, ISOURCE = 800µA, RESET
deasserted
0.8
× VCC
V
RESET Open-Drain Leakage
Current
ILKG
RESET deasserted
1
µA
MR1, MR2, MR2
Input Low Voltage
VIL
0.3
× VCC
V
MR1, MR2, MR2
Input High Voltage
VIH
0.7
× VCC
V
Note 1: Devices production tested at TA = +25°C. Overtemperature limits are guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.0V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX6446UK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6440UT MAXIM-MAX6440UT Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTA MAXIM-MAX6440UTA Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTB MAXIM-MAX6440UTB Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTC MAXIM-MAX6440UTC Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6440UTD MAXIM-MAX6440UTD Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
More results

Similar Description - MAX6446UK

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com