Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C27x43 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C27x43
Description  PSoC Programmable System-on-Chip
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27x43 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C27x43 Datasheet HTML 1Page - Cypress Semiconductor CY8C27x43 Datasheet HTML 2Page - Cypress Semiconductor CY8C27x43 Datasheet HTML 3Page - Cypress Semiconductor CY8C27x43 Datasheet HTML 4Page - Cypress Semiconductor CY8C27x43 Datasheet HTML 5Page - Cypress Semiconductor CY8C27x43 Datasheet HTML 6Page - Cypress Semiconductor CY8C27x43 Datasheet HTML 7Page - Cypress Semiconductor CY8C27x43 Datasheet HTML 8Page - Cypress Semiconductor CY8C27x43 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
CY8C23433, CY8C23533
Document Number: 001-44369 Rev. *B
Page 4 of 37
Additional System Resources
System Resources, some of which are listed in the previous
sections, provide additional capability useful to complete
systems. Additional resources include a multiplier, decimator,
low voltage detection, and power on reset. Brief statements
describing the merits of each system resource follow:
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks can be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
A multiply accumulate (MAC) provides a fast 8-bit multiplier
with 32-bit accumulate, to assist in both general math and
digital filters.
The decimator provides a custom hardware filter for digital
signal processing applications including the creation of Delta
Sigma ADCs.
The I2C module provides 100 and 400 kHz communication over
two wires. Slave, master, and multi-master modes are all
supported.
Low Voltage Detection (LVD) interrupts can signal the
application of falling voltage levels, while the advanced POR
(Power On Reset) circuit eliminates the need for a system
supervisor.
An internal 1.3V reference provides an absolute reference for
the analog system, including ADCs and DACs.
PSoC Device Characteristics
Depending on the PSoC device characteristics, the digital and
analog systems can have 16, 8, or 4 digital blocks and 12, 6, or
3 analog blocks. The following table lists the resources available
for specific PSoC device groups.
Getting Started
The quickest path to understanding the PSoC silicon is by
reading this data sheet and using the PSoC Designer Integrated
Development Environment (IDE). This data sheet is an overview
of the PSoC integrated circuit and presents specific pin, register,
and electrical specifications. For in-depth information, along with
detailed programming information, refer the PSoC Mixed-Signal
Array Technical Reference Manual.
For latest Ordering, Packaging, and Electrical Specification
information, refer the latest PSoC device data sheets on the web
at http://www.cypress.com/psoc.
To determine which PSoC device meets your requirements,
navigate through the PSoC Decision Tree in the Application Note
AN2209 at http://www.cypress.com and select Application Notes
under the Design Resources.
Development Kits
Development Kits are available from the following distributors:
Digi-Key, Avnet, Arrow, and Future. The Cypress Online Store
contains development kits, C compilers, and all accessories for
PSoC development. Go to the Cypress Online Store web site at
http://www.cypress.com/onlinestore.
Technical Training Modules
Free PSoC technical training modules are available for users
new to PSoC. Training modules cover designing, debugging,
advanced
analog
and
CapSense.
Go
to
http://www.cypress.com.
Consultants
Certified PSoC Consultants offer everything from technical
assistance to completed PSoC designs. To contact or become a
PSoC Consultant go to http://www.cypress.com, click on Design
Support located at the top of the web page, and select CYPros
Consultants.
Technical Support
PSoC application engineers take pride in fast and accurate
response. They can be reached with a 4-hour guaranteed
response at http://www.cypress.com/support.
Application Notes
A long list of application notes can assist you in every aspect of
your design effort. To view the PSoC application notes, go to
http://www.cypress.com/psocapnotes.
Table 1. PSoC Device Characteristics
PSoC Part
Number
CY8C29x66
up to
64
4
16
12
4
4
12
No
CY8C27x43
up to
44
2
8
12
4
4
12
No
CY8C24x94
56
1
4
48
2
2
6
No
CY8C23X33
up to
26
1
4
12
2
2[1]
4
Yes
CY8C24x23A up to
24
1
4
12
22
6No
CY8C21x34
up to
28
14
28
0
2
4[2]
No
CY8C21x23
16
1
4
8
0
2
4[2]
No
CY8C20x34
up to
28
0
0
28
0
0
3[3]
No
Notes
1. One complete column, plus one Continuous Time Block.
2. Limited analog functionality
.
3. Two analog blocks and one CapSense.
[+] Feedback


Similar Part No. - CY8C27x43

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27X43 CYPRESS-CY8C27X43 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C27X43 CYPRESS-CY8C27X43 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27X43 CYPRESS-CY8C27X43 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C27x43 CYPRESS-CY8C27x43 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C27X43 CYPRESS-CY8C27X43 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C27x43

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com