Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6750KA23 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6750KA23
Description  uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6750KA23 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6750KA23 Datasheet HTML 1Page - Maxim Integrated Products MAX6750KA23 Datasheet HTML 2Page - Maxim Integrated Products MAX6750KA23 Datasheet HTML 3Page - Maxim Integrated Products MAX6750KA23 Datasheet HTML 4Page - Maxim Integrated Products MAX6750KA23 Datasheet HTML 5Page - Maxim Integrated Products MAX6750KA23 Datasheet HTML 6Page - Maxim Integrated Products MAX6750KA23 Datasheet HTML 7Page - Maxim Integrated Products MAX6750KA23 Datasheet HTML 8Page - Maxim Integrated Products MAX6750KA23 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
µP Reset Circuits with Capacitor-Adjustable
Reset/Watchdog Timeout Delay
_______________________________________________________________________________________
5
VCC TO RESET DELAY
vs. TEMPERATURE (VCC FALLING)
TEMPERATURE (
°C)
100
75
50
25
0
-25
25.4
25.8
26.2
26.6
27.0
25.0
-50
125
VCC FALLING AT 1mV/
µs
RESET AND WATCHDOG
TIMEOUT PERIOD vs. SUPPLY VOLTAGE
VCC (V)
5.5
5.0
4.0 4.5
2.5 3.0 3.5
2.0
0.44
0.48
0.52
0.56
0.60
0.40
1.5
6.0
CSWT = CSRT = 100pF
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
RESET AND WATCHING TIMEOUT
PERIOD vs. SUPPLY VOLTAGE
VCC (V)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
6.5
7.0
7.5
8.0
8.5
9.0
6.0
1.5
6.0
CSWT = CSRT = 1500pF
RESET
WATCHDOG
Pin Description
PIN
MAX6746
MAX6747
MAX6748–
MAX6751
MAX6752
MAX6753
NAME
FUNCTION
1—
MR
Manual Reset Input. Pull
MR low to manually reset the device. Reset
remains asserted for the reset timeout period after
MR is released.
1
RESET IN
Reset Input. High-impedance input to the adjustable reset comparator.
Connect RESET IN to the center point of an external resistor-divider to
set the threshold of the externally monitored voltage.
1
SET0
Logic Input. SET0 selects watchdog window ratio or disables the
watchdog timer. See Table 1.
22
2
SWT
Watchdog Timeout Input.
MAX6746–MAX6751: Connect a capacitor between SWT and ground to
set the basic watchdog timeout period (tWD). Determine the period by
the formula tWD = 5.06 x 10
6 x CSWT with tWD in seconds and CSWT in
Farads. Extend the basic watchdog timeout period by using the WDS
input. Connect SWT to ground to disable the watchdog timer function.
MAX6752/MAX6753: Connect a capacitor between SWT and ground to
set the slow watchdog timeout period (tWD2). Determine the slow
watchdog period by the formula: tWD2 = 0.65 x 10
9 x CSWT with tWD2 in
seconds and CSWT in Farads. The fast watchdog timeout period is set
by pinstrapping SET0 and SET1 (Connect SET0 high and SET1 low to
disable the watchdog timer function.) See Table 1.
3
3
3
SRT
Reset Timeout Input. Connect a capacitor from SRT to GND to select
the reset timeout period. Determine the period as follows: tRP = 5.06 x
10
6 x CSRT with tRP in seconds and CSRT in Farads.
4
4
4
GND
Ground


Similar Part No. - MAX6750KA23

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6750KA23 MAXIM-MAX6750KA23 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6750KA23 MAXIM-MAX6750KA23 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results

Similar Description - MAX6750KA23

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com