Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C21x23 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C21x23
Description  PSoC Programmable System-on-Chip
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21x23 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C21x23 Datasheet HTML 1Page - Cypress Semiconductor CY8C21x23 Datasheet HTML 2Page - Cypress Semiconductor CY8C21x23 Datasheet HTML 3Page - Cypress Semiconductor CY8C21x23 Datasheet HTML 4Page - Cypress Semiconductor CY8C21x23 Datasheet HTML 5Page - Cypress Semiconductor CY8C21x23 Datasheet HTML 6Page - Cypress Semiconductor CY8C21x23 Datasheet HTML 7Page - Cypress Semiconductor CY8C21x23 Datasheet HTML 8Page - Cypress Semiconductor CY8C21x23 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
CY8C23433, CY8C23533
Document Number: 001-44369 Rev. *B
Page 5 of 37
Development Tools
PSoC Designer is a Microsoft® Windows-based, integrated
development
environment
for
the
Programmable
System-on-Chip (PSoC) devices. The PSoC Designer IDE and
application runs on Windows NT 4.0, Windows 2000, Windows
Millennium (Me), or Windows XP (refer section PSoC Designer
Subsystems on page 5).
PSoC Designer helps the customer to select an operating
configuration for the PSoC, write application code that uses the
PSoC, and debug the application. This system provides design
database management by project, an integrated debugger with
In-Circuit Emulator, in-system programming support, and the
CYASM macro assembler for the CPUs.
PSoC Designer also supports a high-level C language compiler
developed specifically for the devices in the family.
Figure 3. PSoC Designer Subsystems
PSoC Designer Software Subsystems
Device Editor
The Device Editor subsystem allows the user to select different
onboard analog and digital components called user modules
using the PSoC blocks. Examples of user modules are ADCs,
DACs, Amplifiers, and Filters.
The device editor also supports easy development of multiple
configurations
and
dynamic
reconfiguration.
Dynamic
configuration allows for changing configurations at run time.
PSoC Designer sets up power on initialization tables for selected
PSoC block configurations and creates source code for an
application framework. The framework contains software to
operate the selected components and, if the project uses more
than one operating configuration, contains routines to switch
between different sets of PSoC block configurations at run time.
PSoC Designer can print out a configuration sheet for a given
project configuration for use during application programming in
conjunction with the Device Data Sheet. Once the framework is
generated, the user can add application-specific code to flesh
out the framework. It is also possible to change the selected
components and regenerate the framework.
Design Browser
The Design Browser allows users to select and import
preconfigured designs into the user’s project. Users can easily
browse a catalog of preconfigured designs to facilitate
time-to-design. Examples provided in the tools include a
300-baud modem, LIN Bus master and slave, fan controller, and
magnetic card reader.
Application Editor
In the Application Editor you can edit your C language and
Assembly language source code. You can also assemble,
compile, link, and build.
Assembler. The macro assembler allows the assembly code to
be merged seamlessly with C code. The link libraries
automatically use absolute addressing or can be compiled in
relative mode, and linked with other software modules to get
absolute addressing.
C Language Compiler. A C language compiler is available that
supports the PSoC family of devices. Even if you have never
worked in the C language before, the product quickly allows you
to create complete C programs for the PSoC family devices.
The embedded, optimizing C compiler provides all the features
of C tailored to the PSoC architecture. It comes complete with
embedded libraries providing port and bus operations, standard
keypad and display support, and extended math functionality.
PSoC
Designer
Core
Engine
PSoC
Configuration
Sheet
Manufacturing
Information
File
Device
Database
Importable
Design
Database
Device
Programmer
Graphical Designer
Interface
Context
Sensitive
Help
Emulation
Pod
In-Circuit
Emulator
Project
Database
Application
Database
User
Modules
Library
PSoC
Designer
[+] Feedback


Similar Part No. - CY8C21x23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21X23 CYPRESS-CY8C21X23 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C21x23 CYPRESS-CY8C21x23 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C21X23 CYPRESS-CY8C21X23 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X23 CYPRESS-CY8C21X23 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X23 CYPRESS-CY8C21X23 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C21x23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com