Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLG77110 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHLG77110
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET LOGIC LEVEL POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLG77110 Datasheet(HTML) 8 Page - International Rectifier

  IRHLG77110 Datasheet HTML 1Page - International Rectifier IRHLG77110 Datasheet HTML 2Page - International Rectifier IRHLG77110 Datasheet HTML 3Page - International Rectifier IRHLG77110 Datasheet HTML 4Page - International Rectifier IRHLG77110 Datasheet HTML 5Page - International Rectifier IRHLG77110 Datasheet HTML 6Page - International Rectifier IRHLG77110 Datasheet HTML 7Page - International Rectifier IRHLG77110 Datasheet HTML 8Page - International Rectifier IRHLG77110 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRHLG77110, 2N7612M1
Pre-Irradiation
8
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
4.5V
Fig 17b. Gate Charge Test Circuit
Fig 17a. Basic Gate Charge Waveform
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 16a. Unclamped Inductive Test Circuit
Fig 16b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 18a. Switching Time Test Circuit
Fig 18b. Switching Time Waveforms
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
.
VGS
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-
VDD
VGS


Similar Part No. - IRHLG77110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLG77110 IRF-IRHLG77110 Datasheet
211Kb / 9P
   Simple Drive Requirements
IRHLG77110 IRF-IRHLG77110_15 Datasheet
211Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHLG77110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF77214 IRF-IRHLF77214 Datasheet
220Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLG770Z4 IRF-IRHLG770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLF670Z4 IRF-IRHLF670Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLF87Y20 IRF-IRHLF87Y20 Datasheet
212Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLF6970Z4 IRF-IRHLF6970Z4 Datasheet
146Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com