Electronic Components Datasheet Search |
|
IRHLG77110 Datasheet(PDF) 1 Page - International Rectifier |
|
IRHLG77110 Datasheet(HTML) 1 Page - International Rectifier |
1 / 9 page Absolute Maximum Ratings Parameter Units ID @ VGS = 4.5V, TC=25°C Continuous Drain Current 1.8 ID @ VGS = 4.5V, TC=100°C Continuous Drain Current 1.1 IDM Pulsed Drain Current À 7.2 PD @ TC = 25°C Max. Power Dissipation 1.4 W Linear Derating Factor 0.01 W/°C VGS Gate-to-Source Voltage ±10 V EAS Single Pulse Avalanche Energy Á 97 mJ IAR Avalanche Current À 1.8 A EAR Repetitive Avalanche Energy À 0.14 mJ dv/dt Peak Diode Recovery dv/dt  11 V/ns TJ Operating Junction -55 to 150 TSTG Storage Temperature Range Lead Temperature 300 (0.063in/1.6mm from case for 10s) Weight 1.3 (Typical) g oC A 03/20/08 www.irf.com 1 TECHNOLOGY Product Summary Part Number Radiation Level RDS(on) ID IRHLG77110 100K Rads (Si) 0.22 Ω 1.8A IRHLG73110 300K Rads (Si) 0.22 Ω 1.8A For footnotes refer to the last page Pre-Irradiation RADIATION HARDENED IRHLG77110 LOGIC LEVEL POWER MOSFET 100V, Quad N-CHANNEL THRU-HOLE (MO-036AB) Features: n 5V CMOS and TTL Compatible n Fast Switching n Single Event Effect (SEE) Hardened n Low Total Gate Charge n Simple Drive Requirements n Ease of Paralleling n Hermetically Sealed n Light Weight International Rectifier’s R7TM Logic Level Power MOSFETs provide simple solution to interfacing CMOS and TTL control circuits to power devices in space and other radiation environments. The threshold voltage remains within acceptable operating limits over the full operating temperature and post radiation. This is achieved while maintaining single event gate rupture and single event burnout immunity. These devices are used in applications such as current boost low signal source in PWM, voltage comparator and operational amplifiers. MO-036AB 2N7612M1 PD-97178 |
Similar Part No. - IRHLG77110 |
|
Similar Description - IRHLG77110 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |