Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6380_R45-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6380_R45-T
Description  3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6380_R45-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6380_R45-T Datasheet HTML 1Page - Maxim Integrated Products MAX6380_R45-T Datasheet HTML 2Page - Maxim Integrated Products MAX6380_R45-T Datasheet HTML 3Page - Maxim Integrated Products MAX6380_R45-T Datasheet HTML 4Page - Maxim Integrated Products MAX6380_R45-T Datasheet HTML 5Page - Maxim Integrated Products MAX6380_R45-T Datasheet HTML 6Page - Maxim Integrated Products MAX6380_R45-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3-Pin, Ultra-Low-Power SC70/SOT23
Voltage Detectors
______________________________________________________________________________________
3
__________________________________________Typical Operating Characteristics
(VCC = 5V, TA = +25°C, unless otherwise noted.)
0
0.3
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
0
-20
20
40
60
80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 3.3V
VCC = 5V
VCC = 1.2V
0
50
100
150
200
-40
0
-20
20
40
60
80
PROPAGATION DELAY (FALLING)
vs. TEMPERATURE
TEMPERATURE (°C)
VOD = 200mV
VOD = 10mV
VOD = 100mV
VOD = 20mV
0
40
20
80
60
120
100
140
-40
0
20
-20
40
60
80
PROPAGATION DELAY (RISING)
vs. TEMPERATURE
TEMPERATURE (
°C)
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
500
0
1
100
1000
MAXIMUM TRANSIENT DURATION
vs. THRESHOLD OVERDRIVE
100
300
400
200
THRESHOLD OVERDRIVE
VTH - VCC (mV)
10
OUT/OUT IS ASSERTED
ABOVE LINE
Pin Description
PIN
MAX6375/MAX6377/
MAX6378/MAX6380
MAX6376/MAX6379
SC70-3
SOT23-3
SC70-3
SOT23-3
NAME
FUNCTION
1
2
1
2
GND
Ground
21
OUT
Active-Low Output.
OUT remains low while VCC is below the threshold.
OUT is open-drain on the MAX6377/MAX6380 and push-pull on the
MAX6375/MAX6378.
2
1
OUT
Active-High Output. OUT remains high while VCC is below the
threshold.
33
3
3
VCC
Supply Voltage


Similar Part No. - MAX6380_R45-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6380UR45-T MAXIM-MAX6380UR45-T Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6380XR45-T MAXIM-MAX6380XR45-T Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
More results

Similar Description - MAX6380_R45-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com