Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK522147YG Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AXK522147YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK522147YG Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AXK522147YG Datasheet HTML 2Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 3Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 4Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 5Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 6Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 7Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 8Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 9Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AXK(5(S)/6(S))
NOTES
1. Prevention of reverse mating
Other than P5KS series 120, 130, 160
contacts type, the socket and header are
protected from reverse mating by a
molded resin key. Excessive mating force
may damage the key, so be sure to match
chamfered corners when mating.
2. PC Boards and Recommended
Metal Mask Patterns
Connectors are mounted with high
density, with a pitch interval of 0.4 to 0.5
mm. It is therefore necessary to make
sure that the right levels of solder are
used, in order to reduce solder bridge
and other issues. The figures to the right
are recommended metal mask patterns.
Please use them as a reference.
Chamfered corner
Chamfered corner
Chamfered corner
Chamfered corner
Outline (top view)
Chamfered corner
Mating state
• P5K Socket
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Opening area ratio: 56%)
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Opening area ratio: 69%)
0.50
±0.05
0.50
±0.05
0.25
±0.05
B
±0.05
0.75
±0.05
0.125
±0.05
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
0.50
±0.01
0.50
±0.01
0.23
±0.01
0.115
±0.01
0.35
±0.01
B
±0.01
• P5K Header
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Opening area ratio: 62%)
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Opening area ratio: 78%)
0.50
±0.05
0.50
±0.05
0.25
±0.05
0.75
±0.05
B
±0.05
0.125
±0.05
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
0.50
±0.01
0.50
±0.01
0.23
±0.01
0.115
±0.01
0.35
±0.01
B
±0.01
* See the dimension table on page 99 for more information on the B dimension of the socket and header.
panasonic-electric-works.net/ac


Similar Part No. - AXK522147YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK522147YG PANASONIC-AXK522147YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK522147YG PANASONIC-AXK522147YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK522147YG PANASONIC-AXK522147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK522147YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com