Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK522147YG Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AXK522147YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK522147YG Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AXK522147YG Datasheet HTML 2Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 3Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 4Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 5Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 6Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 7Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 8Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 9Page - Panasonic Semiconductor AXK522147YG Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AXK(5(S)/6(S))
P5KS: Mated height 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, 9.0mm type
• Socket
• Header
P5KS: Mated height 4.0mm, 4.5mm for 120 contacts and 160 contacts types, 6.5mm for 130 contacts type
• Socket
• Header
Recommended PC board pattern
(TOP VIEW)
0.125
±0.05
0.50
±0.05
0.50
±0.05
0.25
±0.05
0.75
±0.05
B
±0.05
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Opening area ratio: 60%)
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Opening area ratio: 76%)
0.50
±0.01
0.50
±0.01
0.23
±0.01
0.115
±0.01
0.35
±0.01
B
±0.01
* See the dimension table on page 100 for more information on the B dimension.
Recommended PC board pattern
(TOP VIEW)
0.50
±0.05
0.50
±0.05
0.25
±0.05
0.75
±0.05
B
±0.05
0.125
±0.05
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Opening area ratio: 69%)
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Opening area ratio: 87%)
0.50
±0.01
0.50
±0.01
0.23
±0.01
0.115
±0.01
0.35
±0.01
B
±0.01
* See the dimension table on page 100 for more information on the B dimension.
Recommended PC board pattern
(TOP VIEW)
0.50
±0.05
0.25
±0.05
B
±0.05
0.5
±0.05
2.40
±0.05
(Pattern
dimensions)
3.00
±0.05
(Positioning
boss
dimentions)
C
±0.05
0.125
±0.05
2-0.65
±0.05 dia. (hole)
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Opening area ratio: 60%)
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Opening area ratio: 76%)
0.115
±0.01
0.35
±0.01
0.23
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
* See the dimension table on page 101 for more information on the B and C dimensions.
Recommended PC board pattern
(TOP VIEW)
0.50
±0.05
0.25
±0.05
B
±0.05
0.50
±0.05
2-0.65
±0.05 dia. (hole)
C
±0.05
0.125
±0.05
2.10
±0.05
(Positioning
boss
dimentions)
2.00
±0.05
(Pattern
dimensions)
Recommended metal mask pattern
Metal mask thickness: Here, 150
µm
(Opening area ratio: 69%)
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
Recommended metal mask pattern
Metal mask thickness: Here, 120
µm
(Opening area ratio: 87%)
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
* See the dimension table on page 101 for more information on the B and C dimensions.
For other details, please verify with the
product specification sheets.
panasonic-electric-works.net/ac


Similar Part No. - AXK522147YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK522147YG PANASONIC-AXK522147YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK522147YG PANASONIC-AXK522147YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK522147YG PANASONIC-AXK522147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK522147YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com