Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXT740124 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXT740124
Description  NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT740124 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXT740124 Datasheet HTML 1Page - Panasonic Semiconductor AXT740124 Datasheet HTML 2Page - Panasonic Semiconductor AXT740124 Datasheet HTML 3Page - Panasonic Semiconductor AXT740124 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXT7, 8
ORDERING INFORMATION
NARROW-PITCH
FOR BOARD-TO-FPC
CONNECTION
NARROW PITCH (0.35 mm)
CONNECTORS F35S SERIES
FEATURES
1. Space-saving design (0.35 mm
pitch)
The footprint when mated is down
approx. 15% from our existing F4S model
(40 contacts), contributing to the
functionality enhancement and size
reduction of target equipment.
2. Strong resistance to adverse
environments
construction
3. The clips (soldering terminals) at
the four corners enhance the
mounting strength.
4. The simple lock structure ensures a
superior mating/unmating operation
feel.
5. The gull-wing-shaped terminals
facilitate imaging inspections.
APPLICATIONS
Particularly suitable for board-to-FPC
connections in ultra-compact mobile
equipment that requires size and
thickness reduction and functionality
enhancement
Socket
Header
Compliance with RoHS Directive
Clips (soldering terminals)
at the four corners
Suction face
0.8mm
8.62
mm
(40
contacts)
F4S
9.80
mm
(40
contacts)
9.35
mm
(40
contacts)
F4S
10.50
mm
(40
contacts)
F4S
3.6
mm
3.4
mm
2.6mm
Clips (soldering terminals)
at the four corners
Header
Socket
Suction face
0.8mm
Bellows contact
construction
(Tough against dropping!)
Ni barrier
construction
(Tough against solder rise!)
V notch and Double contact constructions
(Tough against foreign particles and flux!)
Porosity treatment
(Tough against
corrosive gases!)
Surface treatment (Contact portion / Terminal portion)
<Socket>
4: Base: Ni plating, Surface: Au plating (for Ni barrier available)
<Header>
4: Base: Ni plating, Surface: Au plating
7: Narrow Pitch Connector F35S (0.35 mm pitch) Socket
8: Narrow Pitch Connector F35S (0.35 mm pitch) Header
Mated height
<Socket> / <Header>
1: For mated height 1.0 mm
AXT
4
2
1
Number of contacts (2 digits)
Functions
2: Without positioning bosses
panasonic-electric-works.net/ac


Similar Part No. - AXT740124

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
AXT-A005 CONQUER-AXT-A005 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A006 CONQUER-AXT-A006 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A010 CONQUER-AXT-A010 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A015 CONQUER-AXT-A015 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A020 CONQUER-AXT-A020 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
More results

Similar Description - AXT740124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
240R FUJITSU-240R Datasheet
180Kb / 3P
   FOR BOARD-TO-CABLE CONNECTION
logo
Hirose Electric
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com