Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXT770124 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AXT770124
Description  NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT770124 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXT770124 Datasheet HTML 1Page - Panasonic Semiconductor AXT770124 Datasheet HTML 2Page - Panasonic Semiconductor AXT770124 Datasheet HTML 3Page - Panasonic Semiconductor AXT770124 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AXT7, 8
DIMENSIONS (Unit: mm)
• Socket and Header are mated
Socket (Mated height: 1.0 mm)
0.08
(Contact and clips (soldering terminals))
Terminal coplanarity
0.35
±0.05
0.30
±0.03
B
±0.1
C
±0.1
0.12
±0.03
0.97
A
C0.15
Y note
Z note
General tolerance:
±0.2
Note: Since the clips (soldering terminals) are built into the body, the sections Y and Z are electrically connected.
Dimension table (mm)
Number of contacts/
dimension
A
B
C
40
9.35
6.65
8.25
50
11.10
8.40
10.00
60
12.85
10.15
11.75
70
14.60
11.90
13.50
80
16.35
13.65
15.25
Header (Mated height: 1.0 mm)
0.08
(Post and clips (soldering terminals))
Terminal coplanarity
Clips (soldering terminals)
C
±0.1
A
B
±0.1
0.12
±0.03
0.35
±0.05
0.12
±0.03
0.83
General tolerance:
±0.2
Dimension table (mm)
Number of contacts/
dimension
A
B
C
40
8.62
6.65
8.05
50
10.37
8.40
9.80
60
12.12
10.15
11.55
70
13.87
11.90
13.30
80
15.62
13.65
15.05
Header
Socket
panasonic-electric-works.net/ac


Similar Part No. - AXT770124

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
AXT-A005 CONQUER-AXT-A005 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A006 CONQUER-AXT-A006 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A010 CONQUER-AXT-A010 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A015 CONQUER-AXT-A015 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
AXT-A020 CONQUER-AXT-A020 Datasheet
205Kb / 1P
   Custom-designed for 4G base stations
More results

Similar Description - AXT770124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
240R FUJITSU-240R Datasheet
180Kb / 3P
   FOR BOARD-TO-CABLE CONNECTION
logo
Hirose Electric
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com