Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARXP1009 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ARXP1009
Description  3 GHz MICROWAVE RELAY WITH 60 W CARRYING POWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARXP1009 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ARXP1009 Datasheet HTML 1Page - Panasonic Semiconductor ARXP1009 Datasheet HTML 2Page - Panasonic Semiconductor ARXP1009 Datasheet HTML 3Page - Panasonic Semiconductor ARXP1009 Datasheet HTML 4Page - Panasonic Semiconductor ARXP1009 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RX-P (ARXP1)
DIMENSIONS (mm inch)
NOTES
2.54
.100
.035 dia. hole
0.9 dia. hole
2 coil latching only
0.90
.035
2.54
.100
7.62
.300
R 0.45 .018
(2.74)
(.108)
(2.04)
(.080)
7.62
.300
2.63
.104
20.5
.807
2.54
.100
7-.016 to .018 dia.
7-0.40 to 0.45 dia.
2-.024
×.012
2-0.6
×0.3
Part No.
Lot No.
Solder to the
PC board earth.
12.4
.488
9.2
.362
3.0
.118
0.2
.008
External dimensions
Tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
+
-
(Reset condition)
(Reset condition)
(Deenergized condition)
2 coil latching
1 coil latching
Single side stable
+
7
RESET
SET
COM
+
-
6
1
8
9
10
11
12
13
14
RESET
SET
COM
-
+
7
1
8
9
10
11
12
13
14
NC
COM
NO
7
1
8
9
10
11
12
13
14
1. Coil operating power
Pure DC current should be applied to the
coil. The wave form should be
rectangular. If it includes ripple, the ripple
factor should be less than 5%.
However, check it with the actual circuit
since the characteristics may be slightly
different.
2. Coil connection
When connecting coils, refer to the wiring
diagram to prevent mis-operation or
malfunction.
To ensure accurate operation, the voltage
on both sides of the coil should be
±5%
(at 20
°C 68°F) of the nominal coil
voltage.
Also, please note that the pick-up and
drop-out voltages (set and reset voltages)
will change depending on operation
temperature and conditions of use.
Keep the coil allowable voltage ripple
ratio to no more than 5%.
3. External magnetic field
Since RX-P relays are highly sensitive
polarized relays, their characteristics will
be affected by a strong external magnetic
field. Avoid using the relay under that
condition.
4. Cleaning
For automatic cleaning, the boiling
method is recommended. Avoid
ultrasonic cleaning which subjects the
relays to high frequency vibrations, which
may cause the contacts to stick.
It is recommended that alcoholic solvents
be used.
5. Soldering
1) Please meet the following conditions if
this relay is to be automatically soldered.
(1) Preheating: Max. 120
°C 248°F
(terminal solder surface) for max. 120
seconds
(2) Soldering: Max. 260
±5°C 500±41°F
for max. 6 seconds
2) Please meet the following conditions if
this relay is to be soldered by hand.
(1) 260
°C 500°F for max. 10 seconds
(2) 350
°C 662°F for max. 3 seconds
*In addition, when soldering the case to
the PC board, the plating may swell
depending on the soldering conditions.
6. Conditions for operation, transport
and storage conditions
1) Ambient temperature, humidity, and
atmospheric pressure during usage,
transport, and storage of the relay:
(1) Temperature:
–40 to +70
°C –40 to +158°F (However,
when 60 to 70
°C 140 to 158°F, the pulse
time is 1 second maximum and ON time
is 10% maximum.)
(2) Humidity: 5 to 85% RH
(Avoid freezing and condensation.)
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
(3) Atmospheric pressure: 86 to 106 kPa
Temperature and humidity range for
usage, transport, and storage:
2) Condensation
Condensation forms when there is a
sudden change in temperature under
high temperature and high humidity
conditions. Condensation will cause
deterioration of the relay insulation.
3) Freezing
Condensation or other moisture may
freeze on the relay when the temperature
is lower than 0
°C 32°F. This causes
problems such as sticking of movable
parts or operational time lags.
4) Low temperature, low humidity
environments
The plastic becomes brittle if the relay is
exposed to a low temperature, low
humidity environment for long periods of
time.
Humidity, %R.H.
Temperature,
°C °F
Tolerance range
85
5
070
-40
32
158
-40
(Avoid
condensation
when used at
temperatures
higher than
0
°C 32°F)
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)
MicrowaveDevices.book Page 51 Wednesday, November 26, 2008 7:50 PM
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - ARXP1009

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ARX1003 NAIS-ARX1003 Datasheet
86Kb / 3P
   SMALL MICRO WAVE RELAY
ARX1006 NAIS-ARX1006 Datasheet
86Kb / 3P
   SMALL MICRO WAVE RELAY
ARX1009 NAIS-ARX1009 Datasheet
86Kb / 3P
   SMALL MICRO WAVE RELAY
ARX1012 NAIS-ARX1012 Datasheet
86Kb / 3P
   SMALL MICRO WAVE RELAY
ARX1024 NAIS-ARX1024 Datasheet
86Kb / 3P
   SMALL MICRO WAVE RELAY
More results

Similar Description - ARXP1009

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
RK1-3V NAIS-RK1-3V Datasheet
87Kb / 4P
   1.5 GHz MICROWAVE RELAY
logo
Panasonic Semiconductor
ARN10A4H PANASONIC-ARN10A4H Datasheet
158Kb / 6P
   8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
logo
Qorvo, Inc
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
   8 ??11 GHz 60 W GaN Power Amplifier
QPA1027 QORVO-QPA1027 Datasheet
790Kb / 23P
   2.8 ??3.5 GHz 60 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA2738060F WOLFSPEED-CMPA2738060F Datasheet
2Mb / 22P
   60 W, 2.7 - 3.8 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-30
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA3135060S WOLFSPEED-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-25
logo
Cree, Inc
CG2H80060D CREE-CG2H80060D Datasheet
594Kb / 8P
   60 W, 8.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CMPA5259050D1 WOLFSPEED-CMPA5259050D1 Datasheet
780Kb / 20P
   5.0 – 5.9 GHz* , 60 W GaN HPA
Rev. 0.0 October 2022
CMPA1H1J050F WOLFSPEED-CMPA1H1J050F Datasheet
1Mb / 18P
   17.3 – 18.4 GHz, 60 W GaN HPA
Rev. 1.0 February 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com