Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXE530124 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXE530124
Description  The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE530124 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXE530124 Datasheet HTML 1Page - Panasonic Semiconductor AXE530124 Datasheet HTML 2Page - Panasonic Semiconductor AXE530124 Datasheet HTML 3Page - Panasonic Semiconductor AXE530124 Datasheet HTML 4Page - Panasonic Semiconductor AXE530124 Datasheet HTML 5Page - Panasonic Semiconductor AXE530124 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AXE5, 6
Socket and Header are mated
EMBOSSED TAPE DIMENSIONS (Unit: mm) (Common for respective contact types, sockets and headers)
Dimension table (Unit: mm)
Connector orientation with respect to embossed tape feeding direction
Type/Mated height
Number of contacts
Type of taping
A
B
C
D
Quantity per reel
Common for sockets
and headers
0.8 mm/1.0 mm
24 or less
Tape I
16.0
7.5
17.4
5,000
26 to 70
Tape I
24.0
11.5
25.4
5,000
80
Tape II
32.0
28.4
14.2
33.4
5,000
Header (Mated height: 1.0 mm)
0.85
0.15
±0.03
C
±0.1
A
B
±0.1
0.15
±0.03
0.40
±0.05
Clips (Soldering terminals)
0.08
(Post and clips
(soldering terminal))
Terminal coplanarity
General tolerance:
±0.2
Dimension table (mm)
Number of contacts/
dimension
A
B
C
10
3.8
1.6
3.2
14
4.6
2.4
4.0
20
5.8
3.6
5.2
24
6.6
4.4
6.0
30
7.8
5.6
7.2
40
9.8
7.6
9.2
50
11.8
9.6
11.2
54
12.6
10.4
12.0
60
13.8
11.6
13.2
70
15.8
13.6
15.2
80
17.8
15.6
17.2
Socket
Header
Header
Socket
Specifications for taping
(In accordance with JIS C 0806-1990. However, not applied to
the mounting-hole pitch of some connectors.)
Specifications for the plastic reel
(In accordance with EIAJ ET-7200B.)
Tape I
Tape II
(A
±0.3)
(B)
(C)
(1.75)
(A
±0.3)
(C)
(1.75)
Embossed mounting-hole
Taping reel
Top cover tape
Embossed carrier tape
(D
±1)
Type
Direction
of tape progress
Common for A4S
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.
panasonic-electric-works.net/ac


Similar Part No. - AXE530124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE530124 PANASONIC-AXE530124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
More results

Similar Description - AXE530124

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
RSN11S ALPS-RSN11S Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
logo
Hirose Electric
FI HIROSE-FI_10 Datasheet
1Mb / 7P
   1.27 mm contact pitch contributes to downsizing of electrical devices.
logo
ALPS ELECTRIC CO.,LTD.
SKTA ALPS-SKTA Datasheet
354Kb / 3P
   1.6mm width contributes to thinner devices
logo
Omron Electronics LLC
E39-RSB OMRON-E39-RSB Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier Contributes to Equipment Downsizing
logo
HOKURIKU ELECTRIC INDUS...
HAP-BME-20-13N01 HOKURIKU-HAP-BME-20-13N01 Datasheet
362Kb / 1P
   Industry-thinnest contributes miniaturization of application
logo
ALPS ELECTRIC CO.,LTD.
RDC10 ALPS-RDC10_15 Datasheet
1Mb / 6P
   The high accuracy space saving design contributes to reduced weight and size of sets
logo
Motorola, Inc
MC68HC908JL8 MOTOROLA-MC68HC908JL8 Datasheet
2Mb / 288P
   Motorola reserves the right to make changes without further notice to any products herein
logo
ALPS ELECTRIC CO.,LTD.
SKSV ALPS-SKSV Datasheet
837Kb / 3P
   Width of 1.9mm contributes to thinner product designs and greater mounting efficiency
RKJXL ALPS-RKJXL_15 Datasheet
743Kb / 3P
   Low-profile 6.4mm height contributes to flexibility in set design
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com