Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK5F26347YG Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXK5F26347YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5F26347YG Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXK5F26347YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5F26347YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5F26347YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5F26347YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5F26347YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5F26347YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5F26347YG Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AXK(5/6)F
DIMENSIONS (Unit: mm)
• Socket and header are mated
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://panasonic-electric-works.net/ac
• Socket (Mated height: 1.5mm, 2.0mm, 2.5mm)
Dimension table (mm)
No. of contacts
A
B
10
5.50
2.00
12
6.00
2.50
14
6.50
3.00
16
7.00
3.50
18
7.50
4.00
20
8.00
4.50
22
8.50
5.00
24
9.00
5.50
26
9.50
6.00
30
10.50
7.00
32
11.00
7.50
34
11.50
8.00
36
12.00
8.50
40
13.00
9.50
44
14.00
10.50
50
15.50
12.00
60
18.00
14.50
70
20.50
17.00
80
23.00
19.50
100
28.00
24.50
General tolerance:
±0.2
C
0.10
(0.80)
(0.80)
0.12
±0.03
0.50
±0.05
1.70
(Suction face) 4.80
B
±0.1
A
4.20
5.80
0.20
±0.03
0.50
±0.05
Mated height
C
1.5 mm
1.35
2.0 mm, 2.5 mm
1.85
CAD Data
• Header (Mated height: 1.5mm, 2.0mm, 2.5mm)
Dimension table (mm)
No. of contacts
A
B
10
5.50
2.00
12
6.00
2.50
14
6.50
3.00
16
7.00
3.50
18
7.50
4.00
20
8.00
4.50
22
8.50
5.00
24
9.00
5.50
26
9.50
6.00
30
10.50
7.00
32
11.00
7.50
34
11.50
8.00
36
12.00
8.50
40
13.00
9.50
44
14.00
10.50
50
15.50
12.00
60
18.00
14.50
70
20.50
17.00
80
23.00
19.50
100
28.00
24.50
Mated height
C
1.5 mm, 2.0 mm
1.25
2.5 mm
1.75
General tolerance:
±0.2
0.10
0.12
±0.03
C
A
B
±0.1
0.50
±0.05
0.50
±0.05
0.20
±0.03
CAD Data
Mated height: 1.5 mm
Mated height: 2.0 mm
Mated height: 2.5 mm
1.50
±0.15
2.00
±0.15
2.50
±0.15
panasonic-electric-works.net/ac


Similar Part No. - AXK5F26347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F26347YG PANASONIC-AXK5F26347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXK5F26347YG PANASONIC-AXK5F26347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results

Similar Description - AXK5F26347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com