Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK5S30047YG Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXK5S30047YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5S30047YG Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXK5S30047YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5S30047YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5S30047YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5S30047YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5S30047YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5S30047YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5S30047YG Datasheet HTML 7Page - Panasonic Semiconductor AXK5S30047YG Datasheet HTML 8Page - Panasonic Semiconductor AXK5S30047YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AXK(5(S)/6(S))
SPECIFICATIONS
1. Characteristics
2. Material and surface treatment
DIMENSIONS (Unit: mm)
Item
Specifications
Conditions
3mm, 3.5mm type
4mm, 4.5mm, 5mm,
5.5mm, 6mm, 6.5mm type
7mm, 8mm, 9mm type
Electrical
characteristics
Rated current
0.5A/terminal (Max. 10A)
0.5A/terminal (Max. 16A)
Rated voltage
60V AC/DC
Breakdown voltage
150V AC for 1 min.
Detection current: 1mA
Insulation resistance
Min. 1000M
Using 500V DC megger
Contact resistance
Max. 60m
Max. 80m
Based on the contact resistance
measurement method specified
by JIS C 5402.
Mechanical
characteristics
Composite insertion
force
Max. 0.785N {80gf}
× no. of contacts (initial)
Composite removal
force
Min. 0.0588N {6gf}
× no. of contacts
Contact holding force
Min. 0.98N {100gf}/contacts
Measuring the maximum force.
As the contact is axially pull out.
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures
Soldering heat
resistance
Max. peak temperature of 260
°C
(on the surface of the PC board around the connector terminals)
Infrared reflow soldering
300
°C within 5 sec., 350°C within 3 sec.
Soldering iron
Thermal shock
resistance (header
and socket mated)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 60m
5 cycles,
insulation resistance
min. 100M
Ω,
contact resistance
max. 80m
Sequence
1. –55
°C, 30 minutes
2. ~ , Max. 5 minutes
3. 85
°C, 30 minutes
4. ~ , Max. 5 minutes
Humidity resistance
(header and socket
mated)
120 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 60m
120 hours,
insulation resistance
min. 100M
Ω,
contact resistance
max. 80m
Bath temperature 40
±2°C,
humidity 90 to 95% R.H.
Saltwater spray
resistance (header
and socket mated)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 60m
24 hours,
insulation resistance
min. 100M
Ω,
contact resistance
max. 80m
Bath temperature 35
±2°C,
saltwarter concentration 5
±1%
H2S resistance
(header and socket
mated)
48 hours,
contact resistance max. 60m
48 hours,
contact resistance
max. 80m
Bath temperature 40
±2°C,
gas concentration 3
±1 ppm,
humidity 75 to 80% R.H.
Lifetime
characteristics
Insertion and removal
life
50 times
Repeated insertion and removal
speed of max. 200 times/hours
Unit weight
P5K 3mm 30 contacts
P5KS 4mm 30 contacts
Socket: 0.17g Header: 0.09g
Socket: 0.18g Header: 0.16g
Part name
Mated height 3mm, 3.5mm, 4mm, 4.5mm, 5mm, 5.5mm, 6mm, 6.5mm, 7mm, 8mm, 9mm
Material
Surface treatment
Molded portion
Heat-resistant resin (UL94V-0)
Contact/post
Copper alloy
Contact portion: Ni plating on base, Au plating on surface
Terminal portion: Ni plating on base, Au plating on surface (Except for thick of terminal)
The section close to the soldering portion has a nickel barrier.
(The nickel base is exposed.)
0
–3
+3
0
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://panasonic-electric-works.net/ac
P5K: Mated height 3mm, 3.5mm type
• Socket
Dimension table (mm)
No. of contacts
A
B
20
8.20
4.50
22
8.70
5.00
30
10.70
7.00
34
11.70
8.00
40
13.20
9.50
50
15.70
12.00
60
18.20
14.50
70
20.70
17.00
80
23.20
19.50
100
28.20
24.50
120
33.20
29.50
General tolerance:
±0.2
5
A
0.5
±0.05
0.2
±0.03
0.5
±0.05
B
±0.1
(0.9)
(0.9)
4
0.17
±0.03
5.8
2.15
1.44
Suction
face
2.35
0.1
(Terminal flatness)
CAD Data
panasonic-electric-works.net/ac


Similar Part No. - AXK5S30047YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5S30047YG PANASONIC-AXK5S30047YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5S30047YG PANASONIC-AXK5S30047YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK5S30047YG PANASONIC-AXK5S30047YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK5S30047YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com