Electronic Components Datasheet Search |
|
AXT540124 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
AXT540124 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 7 page AXT5, 6 ORDERING INFORMATION NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION NARROW PITCH (0.4 mm) CONNECTORS F4S SERIES FEATURES 1. Space-saving (3.6 mm widthwise) The required space is smaller than our F4 series (40-contact type): Socket — 27% smaller, Header — 38% smaller The small size contributes to the miniaturization of target equipment. * Clips for preventing the solder joints from being removed 2. Highly reliable has strong resistance to adverse environments. (See Page 6 for details of the structure) Note: If extra resistance to shock caused by dropping is required, we recommend using our previous F4 Series. 3. The simple lock structure gives tactile feedback that ensures a superior mating/unmating operation feel. 4. Gull-wing type terminals The gull-wing type terminals facilitate automatic mounting inspections. 5. Connectors for inspection available Connectors for inspection are available that are ideal for modular unit inspection and inspection in device assembly processes. APPLICATIONS Compact portable devices “Cellular phones, DVC, Digital cameras, etc” Socket Header Compliance with RoHS Directive Clips (soldering terminal)* at the four corners Clips (soldering terminal)* at the four corners Pickup width: 0.8mm 10.50 (40 contacts) 9.80 (40 contacts) 3.60 2.60 Header Socket Simple lock structure Narrow-pitch connectors F4S 1.0mm PCB Reinforcing plate (with FPC) FPC Reinforcing plate Example of Board-to-FPC connections Before mating After mating The simple lock mechanism ensures that the connector clicks into position when it is inserted for reliable single-action insertion on the PCB. Surface treatment (Contact portion / Terminal portion) <Socket> 4: Base: Ni plating Surface: Au plating (for Ni barrier available) <Header> 4: Base: Ni plating Surface: Au plating 5: Narrow Pitch Connector F4S (0.4 mm pitch) Socket 6: Narrow Pitch Connector F4S (0.4 mm pitch) Header Mated height <Socket> 1: For mated height 1.0 mm 2: For mated height 1.2 mm <Header> 1: For mated height 1.0 mm 2: For mated height 1.2 mm AXT 4 Number of contacts (2 digits) Functions <Socket, Header> 2: Without positioning bosses Note: Please note that models with a mated height of 1.0 mm (7th digit of part number is “1”) and 1.2 mm (7th digit of part number is “2”) are not compatible. panasonic-electric-works.net/ac |
Similar Part No. - AXT540124 |
|
Similar Description - AXT540124 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |