Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXE544124 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXE544124
Description  The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE544124 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXE544124 Datasheet HTML 1Page - Panasonic Semiconductor AXE544124 Datasheet HTML 2Page - Panasonic Semiconductor AXE544124 Datasheet HTML 3Page - Panasonic Semiconductor AXE544124 Datasheet HTML 4Page - Panasonic Semiconductor AXE544124 Datasheet HTML 5Page - Panasonic Semiconductor AXE544124 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AXE5, 6
PRODUCT TYPES
Notes: 1. Order unit:
For mass production: in 1-inner carton (1-reel) units
Samples for mounting check: in 50-connector units. Please contact our sales office.
Samples: Small lot orders are possible. Please contact our sales office.
2. The above part numbers are for connectors without positioning bosses, which are standard. When ordering connectors with positioning bosses, please contact our
sales office.
3. Please contact us for connectors having a number of contacts other than those listed above.
Mated height
Number of contacts
Part number
Packing
Socket
Header
Inner carton (1-reel)
Outer carton
0.8mm
10
AXE510124
AXE610124
5,000 pieces
10,000 pieces
12
AXE512124
AXE612124
14
AXE514124
AXE614124
16
AXE516124
AXE616124
18
AXE518124
AXE618124
20
AXE520124
AXE620124
22
AXE522124
AXE622124
24
AXE524124
AXE624124
26
AXE526124
AXE626124
28
AXE528124
AXE628124
30
AXE530124
AXE630124
32
AXE532124
AXE632124
34
AXE534124
AXE634124
36
AXE536124
AXE636124
38
AXE538124
AXE638124
40
AXE540124
AXE640124
44
AXE544124
AXE644124
50
AXE550124
AXE650124
54
AXE554124
AXE654124
60
AXE560124
AXE660124
64
AXE564124
AXE664124
70
AXE570124
AXE670124
80
AXE580124
AXE680124
1.0mm
10
AXE510124
AXE610224
14
AXE514124
AXE614224
20
AXE520124
AXE620224
24
AXE524124
AXE624224
30
AXE530124
AXE630224
40
AXE540124
AXE640224
50
AXE550124
AXE650224
54
AXE554124
AXE654224
60
AXE560124
AXE660224
70
AXE570124
AXE670224
80
AXE580124
AXE680224
panasonic-electric-works.net/ac


Similar Part No. - AXE544124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE544124 PANASONIC-AXE544124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
More results

Similar Description - AXE544124

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
RSN11S ALPS-RSN11S Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
logo
Hirose Electric
FI HIROSE-FI_10 Datasheet
1Mb / 7P
   1.27 mm contact pitch contributes to downsizing of electrical devices.
logo
ALPS ELECTRIC CO.,LTD.
SKTA ALPS-SKTA Datasheet
354Kb / 3P
   1.6mm width contributes to thinner devices
logo
Omron Electronics LLC
E39-RSB OMRON-E39-RSB Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier Contributes to Equipment Downsizing
logo
HOKURIKU ELECTRIC INDUS...
HAP-BME-20-13N01 HOKURIKU-HAP-BME-20-13N01 Datasheet
362Kb / 1P
   Industry-thinnest contributes miniaturization of application
logo
ALPS ELECTRIC CO.,LTD.
RDC10 ALPS-RDC10_15 Datasheet
1Mb / 6P
   The high accuracy space saving design contributes to reduced weight and size of sets
logo
Motorola, Inc
MC68HC908JL8 MOTOROLA-MC68HC908JL8 Datasheet
2Mb / 288P
   Motorola reserves the right to make changes without further notice to any products herein
logo
ALPS ELECTRIC CO.,LTD.
SKSV ALPS-SKSV Datasheet
837Kb / 3P
   Width of 1.9mm contributes to thinner product designs and greater mounting efficiency
RKJXL ALPS-RKJXL_15 Datasheet
743Kb / 3P
   Low-profile 6.4mm height contributes to flexibility in set design
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com