Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT2EM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MCT2EM
Description  Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT2EM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MCT2EM Datasheet HTML 1Page - Fairchild Semiconductor MCT2EM Datasheet HTML 2Page - Fairchild Semiconductor MCT2EM Datasheet HTML 3Page - Fairchild Semiconductor MCT2EM Datasheet HTML 4Page - Fairchild Semiconductor MCT2EM Datasheet HTML 5Page - Fairchild Semiconductor MCT2EM Datasheet HTML 6Page - Fairchild Semiconductor MCT2EM Datasheet HTML 7Page - Fairchild Semiconductor MCT2EM Datasheet HTML 8Page - Fairchild Semiconductor MCT2EM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT2M, MCT2EM, MCT210M, MCT271M Rev. 1.0.3
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
-40 to +150
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature
260 for 10 sec
°C
PD
Total Device Power Dissipation @ TA = 25°C
250
mW
Derate above 25°C
2.94
mW/°C
EMITTER
IF
DC/Average Forward Input Current
60
mA
VR
Reverse Input Voltage
3
V
IF(pk)
Forward Current – Peak (300µs, 2% Duty Cycle)
3
A
PD
LED Power Dissipation @ TA = 25°C
120
mW
Derate above 25°C
1.41
mW/°C
DETECTOR
IC
Collector Current
50
mA
VCEO
Collector-Emitter Voltage
30
V
PD
Detector Power Dissipation @ TA = 25°C
150
mW
Derate above 25°C
1.76
mW/°C


Similar Part No. - MCT2EM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT2EM FAIRCHILD-MCT2EM Datasheet
264Kb / 11P
   Phototransistor Optocouplers
logo
ON Semiconductor
MCT2EM ONSEMI-MCT2EM Datasheet
294Kb / 9P
   6-Pin General Purpose Phototransistor Optocouplers
November-2017, Rev. 2
logo
Everlight Electronics C...
MCT2EM(TA)-V EVERLIGHT-MCT2EM(TA)-V Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
MCT2EM(TB)-V EVERLIGHT-MCT2EM(TB)-V Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results

Similar Description - MCT2EM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com