Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3020M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MOC3020M
Description  6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3020M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC3020M Datasheet HTML 1Page - Fairchild Semiconductor MOC3020M Datasheet HTML 2Page - Fairchild Semiconductor MOC3020M Datasheet HTML 3Page - Fairchild Semiconductor MOC3020M Datasheet HTML 4Page - Fairchild Semiconductor MOC3020M Datasheet HTML 5Page - Fairchild Semiconductor MOC3020M Datasheet HTML 6Page - Fairchild Semiconductor MOC3020M Datasheet HTML 7Page - Fairchild Semiconductor MOC3020M Datasheet HTML 8Page - Fairchild Semiconductor MOC3020M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC301XM, MOC302XM Rev. 1.0.2
3
Electrical Characteristics (T
A = 25°C Unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics
Notes:
2. Test voltage must be applied within dv/dt rating.
3. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating
IF lies between max IFT (30mA for MOC3020M, 15mA for MOC3010M and MOC3021M, 10mA for MOC3011M and
MOC3022M, 5mA for MOC3012M and MOC3023M) and absolute max IF (60mA).
Symbol
Parameters
Test Conditions
Device
Min.
Typ.
Max.
Units
EMITTER
VF
Input Forward Voltage
IF = 10mA
All
1.15
1.5
V
IR
Reverse Leakage Current
VR = 3V, TA = 25°C
All
0.01
100
µA
DETECTOR
IDRM
Peak Blocking Current,
Either Direction
Rated VDRM, IF = 0
(2)
All
10
100
nA
VTM
Peak On-State Voltage,
Either Direction
ITM = 100 mA peak, IF = 0
All
1.8
3
V
Symbol
DC Characteristics
Test Conditions
Device
Min.
Typ.
Max.
Units
IFT
LED Trigger Current
Voltage = 3V(3)
MOC3020M
30
mA
MOC3010M
15
MOC3021M
MOC3011M
10
MOC3022M
MOC3012M
5
MOC3023M
IH
Holding Current, Either
Direction
All
100
µA


Similar Part No. - MOC3020M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3020M FAIRCHILD-MOC3020M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3020M FAIRCHILD-MOC3020M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
Lite-On Technology Corp...
MOC3020M LITEON-MOC3020M Datasheet
266Kb / 8P
   6pin DIP photocoupler, triac driver output
logo
Fairchild Semiconductor
MOC3020M FAIRCHILD-MOC3020M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
Shenzhen Tenand Technol...
MOC3020M TENAND-MOC3020M Datasheet
193Kb / 9P
   Property of Lite-on Only
More results

Similar Description - MOC3020M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010 FAIRCHILD-MOC3010 Datasheet
185Kb / 7P
   6-Pin DIP Random-Phoase Optoisolators Triac Driver Output (250 Volts Peak)
2000
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M_V01 Datasheet
333Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler (250/400 V Peak)
June, 2023 - Rev. 3
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com