Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK5S80347YG Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AXK5S80347YG
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5S80347YG Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXK5S80347YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5S80347YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5S80347YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5S80347YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5S80347YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5S80347YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5S80347YG Datasheet HTML 7Page - Panasonic Semiconductor AXK5S80347YG Datasheet HTML 8Page - Panasonic Semiconductor AXK5S80347YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AXK(5(S)/6(S))
2. P5KS
Product
name
Mated
height
No. of
contacts
Part No.
Packing
Socket
Header
Inner carton (1 reel)
Outer carton
P5KS
4.0 mm
20
AXK5S20047YG
AXK6S20447YG
1,500 pieces
3,000 pieces
24
AXK5S24047YG
AXK6S24447YG
30
AXK5S30047YG
AXK6S30447YG
34
AXK5S34047YG
AXK6S34447YG
40
AXK5S40047YG
AXK6S40447YG
50
AXK5S50047YG
AXK6S50447YG
60
AXK5S60047YG
AXK6S60447YG
70
AXK5S70047YG
AXK6S70447YG
80
AXK5S80047YG
AXK6S80447YG
100
AXK5S00047YG
AXK6S00447YG
120
AXK5SA2077YG
AXK6SA2477YG
160
AXK5SA6077YG
AXK6SA6477YG
4.5 mm
20
AXK5S20247YG
AXK6S20447YG
24
AXK5S24247YG
AXK6S24447YG
30
AXK5S30247YG
AXK6S30447YG
34
AXK5S34247YG
AXK6S34447YG
36
AXK5S36247YG
AXK6S36447YG
40
AXK5S40247YG
AXK6S40447YG
50
AXK5S50247YG
AXK6S50447YG
60
AXK5S60247YG
AXK6S60447YG
70
AXK5S70247YG
AXK6S70447YG
80
AXK5S80247YG
AXK6S80447YG
100
AXK5S00247YG
AXK6S00447YG
120
AXK5SA2277YG
AXK6SA2477YG
160
AXK5SA6277YG
AXK6SA6477YG
P5KS
5.0 mm
20
AXK5S20047YG
AXK6S20547YG
Socket: 1,500 pieces
Header: 1,000 pieces
Socket: 3,000 pieces
Header: 2,000 pieces
24
AXK5S24047YG
AXK6S24547YG
30
AXK5S30047YG
AXK6S30547YG
34
AXK5S34047YG
AXK6S34547YG
40
AXK5S40047YG
AXK6S40547YG
50
AXK5S50047YG
AXK6S50547YG
60
AXK5S60047YG
AXK6S60547YG
70
AXK5S70047YG
AXK6S70547YG
80
AXK5S80047YG
AXK6S80547YG
100
AXK5S00047YG
AXK6S00547YG
5.5 mm
20
AXK5S20247YG
AXK6S20547YG
24
AXK5S24247YG
AXK6S24547YG
30
AXK5S30247YG
AXK6S30547YG
34
AXK5S34247YG
AXK6S34547YG
40
AXK5S40247YG
AXK6S40547YG
50
AXK5S50247YG
AXK6S50547YG
60
AXK5S60247YG
AXK6S60547YG
70
AXK5S70247YG
AXK6S70547YG
80
AXK5S80247YG
AXK6S80547YG
100
AXK5S00247YG
AXK6S00547YG
6.0 mm
20
AXK5S20047YG
AXK6S20647YG
30
AXK5S30047YG
AXK6S30647YG
40
AXK5S40047YG
AXK6S40647YG
50
AXK5S50047YG
AXK6S50647YG
60
AXK5S60047YG
AXK6S60647YG
70
AXK5S70047YG
AXK6S70647YG
80
AXK5S80047YG
AXK6S80647YG
100
AXK5S00047YG
AXK6S00647YG
6.5 mm
20
AXK5S20247YG
AXK6S20647YG
30
AXK5S30247YG
AXK6S30647YG
40
AXK5S40247YG
AXK6S40647YG
50
AXK5S50247YG
AXK6S50647YG
60
AXK5S60247YG
AXK6S60647YG
70
AXK5S70247YG
AXK6S70647YG
80
AXK5S80247YG
AXK6S80647YG
100
AXK5S00247YG
AXK6S00647YG
130
AXK5SA3277YG
AXK6SA3677YG
panasonic-electric-works.net/ac


Similar Part No. - AXK5S80347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5S80347YG PANASONIC-AXK5S80347YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5S80347YG PANASONIC-AXK5S80347YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK5S80347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com