Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78211ARZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL78211ARZ-T
Description  Automotive Single-Phase Core Regulator for IMVP-6??CPUs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78211ARZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL78211ARZ-T Datasheet HTML 2Page - Intersil Corporation ISL78211ARZ-T Datasheet HTML 3Page - Intersil Corporation ISL78211ARZ-T Datasheet HTML 4Page - Intersil Corporation ISL78211ARZ-T Datasheet HTML 5Page - Intersil Corporation ISL78211ARZ-T Datasheet HTML 6Page - Intersil Corporation ISL78211ARZ-T Datasheet HTML 7Page - Intersil Corporation ISL78211ARZ-T Datasheet HTML 8Page - Intersil Corporation ISL78211ARZ-T Datasheet HTML 9Page - Intersil Corporation ISL78211ARZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ISL78211
6
FN7578.0
March 8, 2010
Adjustment Range
200
-
500
kHz
AMPLIFIERS
Droop Amplifier Offset
-0.3
-
0.3
mV
Error Amp DC Gain (Note 6)
AV0
-
90
-
dB
Error Amp Gain-Bandwidth
Product (Note 6)
GBW
CL = 20pF
-
18
-
MHz
Error Amp Slew Rate (Note 6)
SR
CL = 20pF
-
5.0
-
V/µs
FB Input Current
IIN(FB)
-
10
150
nA
SOFT-START CURRENT
Soft-start Current
ISS
-47
-42
-37
µA
Soft Geyserville Current
IGV
|SOFT - REF|>100mV
±180
±205
±230
µA
Soft Deeper Sleep Entry
Current
IC4
DPRSLPVR = 3.3V
-46
-41
-36
µA
Soft Deeper Sleep Exit
Current
IC4EA
DPRSLPVR = 3.3V
36
41
46
µA
Soft Deeper Sleep Exit
Current
IC4EB
DPRSLPVR = 0V
175
200
225
µA
POWER MONITOR
PMON Output Voltage Range
VPMON
VSEN = 1.2V,
VDROOP - VO = 40mV
1.638
1.680
1.722
V
VSEN = 1V,
VDROOP - VO = 10mV
0.308
0.350
0.392
V
PMON Maximum Voltage
VPMONMAX
2.8
3.0
-
V
PMON Sourcing Current
ISC_PMON
VSEN = 1V,
VDROOP - VO = 25mV
2
-
-
mA
PMON Sinking Current
ISK_PMON
VSEN = 1V,
VDROOP - VO = 25mV
2
-
-
mA
Maximum Current Sinking
Capability
PMON/250Ω PMON/180Ω PMON/130Ω
A
PMON Impedance
ZPMON
When PMON current is
within its sourcing/sinking
current range (Note 6)
-
7
-
Ω
GATE DRIVER DRIVING CAPABILITY (Note 6)
UGATE Source Resistance
RSRC(UGATE)
500mA source current
-
1
1.5
Ω
UGATE Source Current
ISRC(UGATE)
VUGATE_PHASE = 2.5V
-
2
-
A
UGATE Sink Resistance
RSNK(UGATE)
500mA sink current
-
1
1.5
Ω
UGATE Sink Current
ISNK(UGATE)
VUGATE_PHASE = 2.5V
-
2
-
A
LGATE Source Resistance
RSRC(LGATE)
500mA source current
-
1
1.5
Ω
LGATE Source Current
ISRC(LGATE)
VLGATE = 2.5V
-
2
-
A
LGATE Sink Resistance
RSNK(LGATE)
500mA sink current
-
0.5
0.9
Ω
LGATE Sink Current
ISNK(LGATE)
VLGATE = 2.5V
-
4
-
A
UGATE to PHASE Resistance
RP(UGATE)
-
1.1
-
GATE DRIVER SWITCHING TIMING (Refer to “Gate Driver Timing Diagram” on page 8)
UGATE Turn-on Propagation
Delay
tPDHU
PVCC = 5V, output unloaded
18
30
44
ns
LGATE Turn-on Propagation
Delay
tPDHL
PVCC = 5V, output unloaded
5
15
30
ns
Electrical Specifications VDD = 5V, TA = -40°C to +105°C, unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +105°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
ISL78211


Similar Part No. - ISL78211ARZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78211ARZ-T RENESAS-ISL78211ARZ-T Datasheet
1Mb / 35P
   Automotive Single-Phase Core Regulator for IMVP-6??CPUs
More results

Similar Description - ISL78211ARZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78211 RENESAS-ISL78211 Datasheet
1Mb / 35P
   Automotive Single-Phase Core Regulator for IMVP-6??CPUs
logo
Intersil Corporation
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com