Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62881DHRTZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL62881DHRTZ
Description  Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62881DHRTZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL62881DHRTZ Datasheet HTML 1Page - Intersil Corporation ISL62881DHRTZ Datasheet HTML 2Page - Intersil Corporation ISL62881DHRTZ Datasheet HTML 3Page - Intersil Corporation ISL62881DHRTZ Datasheet HTML 4Page - Intersil Corporation ISL62881DHRTZ Datasheet HTML 5Page - Intersil Corporation ISL62881DHRTZ Datasheet HTML 6Page - Intersil Corporation ISL62881DHRTZ Datasheet HTML 7Page - Intersil Corporation ISL62881DHRTZ Datasheet HTML 8Page - Intersil Corporation ISL62881DHRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Single-Phase PWM Regulator for IMVP-6.5™ Mobile
CPUs and GPUs
ISL62881C, ISL62881D
The ISL62881C provides a complete solution for
microprocessor and graphic processor core power supply
with it’s integrated gate drive. Based on Intersil’s Robust
Ripple regulator (R3™) technology, the PWM modulator
compared to traditional modulators, has faster transient
settling time, variable switching frequency during load
transients and has improved light load efficiency with its
ability to automatically change switching frequency.
Fully compliant with IMVP6.5™, the ISL62881C is easily
configurable as a CPU or graphics VCORE controllers by
offering: responds to DPRSLPVR signals by
entering/exiting diode emulations mode; reports
regulator output current via the IMON pin; senses
current by using a discrete resistor or the inductor;
over-temperature thermal compensation of DCR, using a
single NTC thermistor; differential sensing to accurately
monitor and adjust processor die voltage; minimizes
body diode conduction loss in diode emulation mode with
it’s adaptive body diode conduction time.
Need to aggressively reduce the output capacitor? The
overshoot reduction function is user-selectable and can
be disabled for those concerned about increased system
thermal stress.
Maintaining all the ISL62881C functions, the ISL62881D
offers VR_TT# function for thermal throttling control. It
also offers the split LGATE function to further improve
light load efficiency.
Features
• Precision Core Voltage Regulation
- 0.5% System Accuracy Over-Temperature
- Enhanced Load Line Accuracy
• Supports Multiple Current Sensing Methods
- Lossless Inductor DCR Current Sensing
- Precision Resistor Current Sensing
• Current Monitor
• Differential Remote Voltage Sensing
• Integrated Gate Driver
• Split LGATE Driver to Increase Light-Load Efficiency
(For ISL62881D)
• Adaptive Body Diode Conduction Time Reduction
• User-selectable Overshoot Reduction Function
• Small Footprint 28 Ld 4x4 or 32 Ld 5x5 TQFN
Package
Applications
• Notebook Core Voltage Regulator
• Notebook GPU Voltage Regulator
Related Literature
•See AN1552 for Evaluation Board Application Note
“ISL62881CCPUEVAL2Z User Guide”
•See AN1553 for Evaluation Board Application Note
“ISL62881CGPUEVAL2Z User Guide”
Load Line Regulation
0.80
0.81
0.82
0.83
0.84
0.85
0.86
0.87
0.88
0.89
0.90
0.91
10 12 14 16 18 20 22
IOUT (A)
02
468
VIN = 19V
VIN = 12V
VIN = 8V
March 8, 2010
FN7596.0


Similar Part No. - ISL62881DHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881DHRTZ INTERSIL-ISL62881DHRTZ Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
March 8, 2010
logo
Renesas Technology Corp
ISL62881DHRTZ RENESAS-ISL62881DHRTZ Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results

Similar Description - ISL62881DHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62881 INTERSIL-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881_10 Datasheet
823Kb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62881C RENESAS-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62881CHRTZ INTERSIL-ISL62881CHRTZ Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
March 8, 2010
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com