Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLA110P50IRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISLA110P50IRZ
Description  10-Bit, 500MSPS A/D Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA110P50IRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISLA110P50IRZ Datasheet HTML 3Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 4Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 5Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 6Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 7Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 8Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 9Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 10Page - Intersil Corporation ISLA110P50IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
FN7606.1
June 4, 2010
I2E Specifications
Offset mismatch-induced spurious
power
No I2E Calibration performed
-70
dBFS
Active Run state enabled
-81
dBFS
I2E Settling Times
I2Epost_t
Calibration settling time for Active
Run state
1000
ms
Minimum Duration of Valid Analog
Input (Note 13)
tTE
Allow one I2E iteration of Offset,
Gain and Phase correction
500
µs
Largest Interleave Spur
fIN = 10MHz to 240MHz, Active
Run State enabled, in Track Mode
-94
dBc
fIN = 10MHz to 240MHz, Active
Run State enabled and previously
settled, in Hold Mode
-82
dBc
fIN = 260MHz to 490MHz, Active
Run State enabled, in Track Mode
-89
dBc
fIN = 260MHz to 490MHz, Active
Run State enabled and previously
settled, in Hold Mode
-79
dBc
Total Interleave Spurious Power
Active Run State enabled, in Track
Mode, fIN is a broadband signal in
the 1st Nyquist zone
-90
dBc
Active Run State enabled, in Track
Mode, fIN is a broadband signal in
the 2nd Nyquist zone
-85
dBc
Sample Time Mismatch Between Unit
A/Ds
Active Run State enabled, in Track
Mode
30
fs
Gain Mismatch Between Unit A/Ds
0.01
%
Offset Mismatch Between Unit A/Ds
1mV
NOTES:
6. Unless otherwise noted, parameters with Min and/or MAX limits are 100% production tested at their worst case temperature
extreme ( +85°C).
7. Digital Supply Current is dependent upon the capacitive loading of the digital outputs. IOVDD specifications apply for 10pF load
on each digital output.
8. See “Nap/Sleep” for more detail.
9. AC Specifications apply after internal calibration of the A/D is invoked at the given sample rate and temperature. Refer to
“Power-On Calibration” and “User Initiated Reset” for more detail.
10. The DLL Range setting must be changed for low speed operation.
11. The offset mismatch-induced spur energy, which occurs at fSAMPLE/2, is not included in any specification unless otherwise
noted.
12. This specification only applies when I2E is in Active Run state, and in Track Mode.
13. Limits are specified over the full operating temperature and voltage range and are established by characterization and not
production tested.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS,
FIN = 105MHz, fSAMPLE = 500MSPS, after completion of I2E calibration. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA110P50
(Note 6)
UNITS
MIN
TYP
MAX
ISLA110P50


Similar Part No. - ISLA110P50IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Renesas Technology Corp
ISLA110P50IRZ RENESAS-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
More results

Similar Description - ISLA110P50IRZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA110P50 INTERSIL-ISLA110P50_11 Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
KAD5510P-50_0910 INTERSIL-KAD5510P-50_0910 Datasheet
818Kb / 29P
   10-Bit, 500MSPS A/D Converter
KAD5510P-50 INTERSIL-KAD5510P-50_09 Datasheet
633Kb / 27P
   10-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
KAD5510P-50 RENESAS-KAD5510P-50 Datasheet
1Mb / 30P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA110P50 RENESAS-ISLA110P50 Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com