Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33197AD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC33197AD
Description  Automotive Wash Wiper Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33197AD Datasheet(HTML) 3 Page - Motorola, Inc

  MC33197AD Datasheet HTML 1Page - Motorola, Inc MC33197AD Datasheet HTML 2Page - Motorola, Inc MC33197AD Datasheet HTML 3Page - Motorola, Inc MC33197AD Datasheet HTML 4Page - Motorola, Inc MC33197AD Datasheet HTML 5Page - Motorola, Inc MC33197AD Datasheet HTML 6Page - Motorola, Inc MC33197AD Datasheet HTML 7Page - Motorola, Inc MC33197AD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC33197A
3
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Intermittent Wash Wiper Typical Application
INT
Out
Gnd
V
C2
R2
R3
R1
C1
M
M
W/W
R4
Osc2
Osc1
+ Battery Line
Water
Pump
Wiper Motor
Wash Wipe
Switch
Low Speed
High Speed
MC33197A
Low Speed
High Speed
Intermittent
Washer
This application shows the MC33197A with the external wirings and two speed
wiper motor. This application has the Intermittent and Wash Wiper functions.
V
bb
CC
INTRODUCTION
The MC33197A is a wiper timer control device designed
for use in harsh automotive applications. The device can
perform the intermittent, after wash, and continuous wiper
timer functions.
The MC33197A is designed to directly drive a wiper motor
relay. The MC33197A is suitable for both front and rear wiper
applications. The MC33197A connects directly to the
vehicle’s battery voltage (Vbat) through a 220 Ω resistor used
with a 47
µF de–coupling filter capacitor. The device has an
internal oscillator controlled by one of two external resistors
(R2 and R3) in addition to one external capacitor (C2),
dependent on the application function required. The values of
C2 and R2 determine the tb1 time base. Tb1 is used to
generate the relay wiper activation during the INT function
(T3) and the after wash timing (T2) during the wash wipe
mode. The values C2 and R3 determine the tb2 time base.
The tb2 time base is used to generate the pause or
intermittent time (T4).
The intermittent wiper function can generate intermittent
timing (T4) from less than 500 ms to more than 30 seconds.
The intermittent function of the device can be activated by the
INT input connected to either ground or Vbat. The intermittent
timing is externally adjustable by changing the value of
resistor R3.
The wash wiper timer function detects the water pump
motor’s operation. When the pump motor activation is
detected, the MC33197A turns the wiper on for the entire
duration of the pump motor’s activation. When the motor is
turned off, it generates an after wash timing (T2) to maintain
the wiping action. The W/W pin is connected to the water
pump motor through a protection resistor (R4).
The MC33197A also has a continuous function, which
activates the wiper relay whenever the CONT input is
activated. The CONT input is connected to a switch through
a protection resistor (R5). The CONT input comparator has
an input threshold of Vbb/2 with hysteresis.
The device has internal debounce circuitry, based on the
oscillator period. This provides filtering of the intermittent
(INT) and wash wipe (W/W) input signals (see T1 Debounce
Timing paragraph that follows). The device directly drives the
wiper motor relay. It internally incorporates a 20 V free
wheeling zener diode to protect the device against
overvoltage spikes produced when relay is switched off.
Intermittent Operation
Conditions:
W/W not connected or connected to ground.
CONT not connected or connected to ground.
INT connected to Vbb or to ground.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33197AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33197 MOTOROLA-MC33197 Datasheet
113Kb / 8P
   AUTOMOTIVE WASH WIPER TIMER
MC33197D MOTOROLA-MC33197D Datasheet
113Kb / 8P
   AUTOMOTIVE WASH WIPER TIMER
MC33197P MOTOROLA-MC33197P Datasheet
113Kb / 8P
   AUTOMOTIVE WASH WIPER TIMER
More results

Similar Description - MC33197AD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK33197A KODENSHI-KK33197A Datasheet
222Kb / 7P
   Automotive Wash Wiper Timer
logo
IK Semicon Co., Ltd
IL33197A IKSEMICON-IL33197A_16 Datasheet
337Kb / 7P
   Automotive Wash Wiper Timer
IL33197A IKSEMICON-IL33197A Datasheet
214Kb / 7P
   Automotive Wash Wiper Timer
logo
Integral Corp.
IL33197 INTEGRAL-IL33197 Datasheet
160Kb / 5P
   AUTOMOTIVE WASH WIPER TIMER
logo
Motorola, Inc
MC33197 MOTOROLA-MC33197 Datasheet
113Kb / 8P
   AUTOMOTIVE WASH WIPER TIMER
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com