Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1941-0-0X-80-00-00-XX-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 1941-0-0X-80-00-00-XX-0
Description  PRINTED CIRCUIT PINS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

1941-0-0X-80-00-00-XX-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  1941-0-0X-80-00-00-XX-0 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PINS
A HI
C
SIO
N
PRINTED CIRCUIT PINS
www.mill-max.com
 516-922-6000
185
SPECIFICATIONS
PIN MATERIAL:
Brass Alloy 360, 1/2 Hard
(Except Swage pins which
are annealed)
DIMENSION IN INCHES
TOLERANCES ON:
LENGTHS:
±.005
DIAMETERS: ±.002
ANGLES:
± 2°
2956-0
8876-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
8876
.020 DIA.
.020 DIA.
.034 DIA.
.034 DIA.
.053 DIA.
.053 DIA.
.059 DIA.
.059 DIA.
.072 DIA.
.072 DIA.
KNURL
KNURL
.165
.165
.025
.025
.276
.276
.126
.126
.030
.030
.028
.028
2956-0-00-XX-00-00-03-0
Surface mount
.038 DIA.
.038 DIA.
.034
.034
.018
.018
.058 DIA.
.058 DIA.
.018 DIA.
.018 DIA.
.051 DIA.
.051 DIA.
.072 DIA.
.072 DIA.
.121
.121
.082
.082
.278
.278
1940
.018 DIA.
.018 DIA.
.053 DIA.
.053 DIA.
.059 DIA.
.059 DIA.
.072 DIA.
.072 DIA.
KNURL
KNURL
.165
.165
.025
.025
.217
.217
.030
.030
.028
.028
1942
.053 DIA.
.053 DIA.
.020 DIA.
.020 DIA.
.070 DIA.
.070 DIA.
.058 DIA.
.058 DIA.
.125
.125
.031
.031
.290
.290
.165
.165
.030
.030
3024-0-01-XX-00-00-03-0
Press-fit in .057 mounting hole
3024
.053 DIA.
.053 DIA.
.038 DIA.
.038 DIA.
HOLE
HOLE
.058 DIA.
.058 DIA.
.072 DIA.
.072 DIA.
.090
.090
.060
.060
.290
.290
.028
.028
.031
.031
02XX-0-00-XX-00-00-03-0
Press-fit in .057/.059 mounting hole
0259/0286/1941
Basic
Part
Number
0259-0
0286-0
1941-0
Barb
Dia.
E
.062
.060
.058
Mount-
ing
Hole
.059
.057
.057
Length
L
.173
.115
.169
2956-1
2956-1-00-XX-00-00-03-0
Surface mount
.063 DIA.
.063 DIA.
.034
.034
.018
.018
.058 DIA.
.058 DIA.
.018 DIA.
.018 DIA.
.051 DIA.
.051 DIA.
.072 DIA.
.072 DIA.
.121
.121
.082
.082
.278
.278
1938-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
1938
3000-0-00-XX-00-00-03-0
Press-fit in .061 mounting hole
3000
.059 DIA.
.059 DIA.
.035 DIA.
.035 DIA.
HOLE
HOLE
.064 DIA.
.064 DIA.
.072 DIA.
.072 DIA.
.031
.031
.028
.028
.352
.352
.150
.150
ORDER CODE: XXXX - X - 0X - XX - 00 - 00 - XX - 0
BASIC PART #
SPECIFY PIN FINISH:
01 200
μ" TIN/LEAD OVER NICKEL
 80 200
μ" TIN OVER NICKEL (RoHS)
 15 10
μ" GOLD OVER NICKEL (RoHS)
 21 20
μ" GOLD OVER NICKEL (RoHS)
 34 50
μ" GOLD OVER NICKEL (RoHS)
RoHS
2002/95/EC
1940-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole
1942-0-00-XX-00-00-03-0
Press-fit in .057 mounting hole


Similar Part No. - 1941-0-0X-80-00-00-XX-0

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1941/3 ALPHAWIRE-1941/3 Datasheet
98Kb / 4P
   Customer Specification
12/12/2022
1941/3F ALPHAWIRE-1941/3F Datasheet
98Kb / 4P
   Customer Specification
12/12/2022
logo
Winchester Electronics ...
19410 WINCHESTER-19410 Datasheet
183Kb / 1P
   COMPSITE OUTLINE ASSY SRE xx PJ
logo
Weidmuller
1941000000 WEIDMULLER-1941000000 Datasheet
88Kb / 6P
   PCB connection systems
1941000000 WEIDMULLER-1941000000 Datasheet
88Kb / 6P
   PCB connection systems
More results

Similar Description - 1941-0-0X-80-00-00-XX-0

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
182N MILL-MAX-182N Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
183N MILL-MAX-183N Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
0272-0-01-34-00-00-03-0 MILL-MAX-0272-0-01-34-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
182M MILL-MAX-182M Datasheet
287Kb / 1P
   PRINTED CIRCUIT PINS
0257-0-00-01-00-00-03-0 MILL-MAX-0257-0-00-01-00-00-03-0 Datasheet
116Kb / 1P
   PRINTED CIRCUIT PINS
0265-0-01-01-00-00-03-0 MILL-MAX-0265-0-01-01-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00-00-03-0 MILL-MAX-0700-0-00-15-00-00-03-0 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00 MILL-MAX-0700-0-00-15-00 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0290-0-00-34-00-00-03-0 MILL-MAX-0290-0-00-34-00-00-03-0 Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
0259-0-00-01-00-00-03-0 MILL-MAX-0259-0-00-01-00-00-03-0 Datasheet
79Kb / 1P
   PRINTED CIRCUIT PINS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com